Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC3218GV Datasheet (PDF) - California Eastern Labs

UPC3218GV Datasheet PDF - California Eastern Labs
Part # UPC3218GV
Download  UPC3218GV Download

File Size   803.48 Kbytes
Page   16 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description GENERAL PURPOSE 5 V 100MHz AGC AMPLIFIER

UPC3218GV Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC3218GV Datasheet PDF - California Eastern Labs

Part # UPC3218GV
Download  UPC3218GV Click to download

File Size   803.48 Kbytes
Page   16 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description GENERAL PURPOSE 5 V 100MHz AGC AMPLIFIER

UPC3218GV Datasheet (HTML) - California Eastern Labs



Similar Part No. - UPC3218GV

ManufacturerPart #DatasheetDescription
logo
NEC
UPC3218GV NEC-UPC3218GV Datasheet
189Kb / 7P
   NECs GENERAL PURPOSE 5 V AGC AMPLIFIER
logo
Renesas Technology Corp
UPC3218GV-E1 RENESAS-UPC3218GV-E1 Datasheet
403Kb / 24P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2004
logo
California Eastern Labs
UPC3218GV-E1-A CEL-UPC3218GV-E1-A Datasheet
587Kb / 8P
   5 V AGC AMPLIFIER VIDEO AMPLIFIER
More results


Similar Description - UPC3218GV

ManufacturerPart #DatasheetDescription
logo
NEC
UPC3219GV NEC-UPC3219GV Datasheet
205Kb / 6P
   GENERAL PURPOSE 5 V AGC AMPLIFIER
UPC3217GV NEC-UPC3217GV Datasheet
189Kb / 7P
   NECs GENERAL PURPOSE 5 V AGC AMPLIFIER
UPC3221GV NEC-UPC3221GV Datasheet
177Kb / 6P
   NECs GENERAL PURPOSE 5 V AGC AMPLIFIER
logo
California Eastern Labs
UPC3219GV CEL-UPC3219GV Datasheet
474Kb / 7P
   5 V AGC AMPLIFIER VIDEO AMPLIFIER
UPC3217GV CEL-UPC3217GV Datasheet
587Kb / 8P
   5 V AGC AMPLIFIER VIDEO AMPLIFIER
UC3221GV CEL-UC3221GV Datasheet
473Kb / 19P
   5 V AGC AMPLIFIER VIDEO AMPLIFIER
logo
National Semiconductor ...
CLC430 NSC-CLC430 Datasheet
1Mb / 8P
   General Purpose 100MHz Op Amp with Disable
logo
Texas Instruments
SN761666 TI1-SN761666_14 Datasheet
167Kb / 10P
[Old version datasheet]   AGC AMPLIFIER
logo
Spectrum Microwave, Inc...
TMG9553 SPECTRUM-TMG9553 Datasheet
41Kb / 1P
   AGC AMPLIFIER
logo
SIRENZA MICRODEVICES
S510069-28Z SIRENZA-S510069-28Z Datasheet
654Kb / 8P
   AGC Amplifier
More results




About California Eastern Labs


California Eastern Laboratories (CEL) is a leading semiconductor manufacturer and technology company that specializes in the design, development, and production of advanced RF and microwave components and systems. The company is headquartered in Santa Clara, California, and has been in operation for over 60 years.

CEL is known for its extensive range of high-performance RF and microwave products, including RF switches, mixers, amplifiers, and modules. The company also offers custom design services for customers with specific needs. CEL's products are widely used in various industries, including wireless communication, aerospace and defense, automotive, and medical.

CEL is also the exclusive sales and marketing partner of Renesas Electronics Corporation for North and South America, providing Renesas' broad portfolio of semiconductors to customers in the region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com