Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPG2012TB Datasheet (PDF) - California Eastern Labs

UPG2012TB Datasheet PDF - California Eastern Labs
Part # UPG2012TB
Download  UPG2012TB Download

File Size   266.93 Kbytes
Page   8 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description L-BAND SPDT SWITCH

UPG2012TB Datasheet (PDF)

Go To PDF Page Download Datasheet
UPG2012TB Datasheet PDF - California Eastern Labs

Part # UPG2012TB
Download  UPG2012TB Click to download

File Size   266.93 Kbytes
Page   8 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description L-BAND SPDT SWITCH

UPG2012TB Datasheet (HTML) - California Eastern Labs


UPG2012TB Product details

DESCRIPTION
The PG2012TB is a GaAs MMIC for L-band SPDT (Single Pole Double Throw) switch which were developed for mobile phone and another L-band application.
This device can operate frequency from 0.5 GHz to 2.5 GHz, having the low insertion loss and high isolation. This device is housed in a 6-pin super minimold package. And this package is able to high-density surface mounting.

FEATURES
• Supply voltage : VDD = 2.7 to 3.0 V (2.8 V TYP.)
• Switch control voltage : Vcont (H) = 2.7 to 3.0 V (2.8 V TYP.)
                                      : Vcont (L) = -0.2 to +0.2 V (0 V TYP.)
• Low insertion loss : LINS1 = 0.27 dB TYP. @ f = 0.5 to 1.0 GHz, VDD = 2.8 V, Vcont = 2.8 V/0 V
                                : LINS2 = 0.30 dB TYP. @ f = 2.0 GHz, VDD = 2.8 V, Vcont = 2.8 V/0 V
                                : LINS3 = 0.30 dB TYP. @ f = 2.5 GHz, VDD = 2.8 V, Vcont = 2.8 V/0 V (Reference value)
• High isolation : ISL1 = 28 dB TYP. @ f = 0.5 to 2.0 GHz, VDD = 2.8 V, Vcont = 2.8 V/0 V
                         : ISL2 = 25 dB TYP. @ f = 2.5 GHz, VDD = 2.8 V, Vcont = 2.8 V/0 V (Reference value)
• High-density surface mounting : 6-pin super minimold package (2.0 x 1.25 x 0.9 mm)

APPLICATIONS
• L-band digital cellular or cordless telephone
• PCS, W-LAN, WLL and BluetoothTM etc.



Similar Part No. - UPG2012TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPG2012TB NEC-UPG2012TB Datasheet
120Kb / 7P
   NECs 1/4W SINGLE CONTROL L-BAND SPDT SWITCH
UPG2012TB NEC-UPG2012TB Datasheet
72Kb / 9P
   L-BAND SPDT SWITCH
logo
Renesas Technology Corp
UPG2012TB RENESAS-UPG2012TB Datasheet
325Kb / 11P
   GaAs INTEGRATED CIRCUIT
2002
logo
NEC
UPG2012TB-E3 NEC-UPG2012TB-E3 Datasheet
120Kb / 7P
   NECs 1/4W SINGLE CONTROL L-BAND SPDT SWITCH
UPG2012TB-E3 NEC-UPG2012TB-E3 Datasheet
72Kb / 9P
   L-BAND SPDT SWITCH
More results


Similar Description - UPG2012TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPG155TB NEC-UPG155TB Datasheet
68Kb / 12P
   L-BAND SPDT SWITCH
UPG137GV NEC-UPG137GV Datasheet
108Kb / 12P
   L-BAND SPDT SWITCH
UPG138GV NEC-UPG138GV Datasheet
64Kb / 8P
   L-BAND SPDT SWITCH
UPG152TA NEC-UPG152TA Datasheet
83Kb / 12P
   L-BAND SPDT SWITCH
UPG153TB NEC-UPG153TB Datasheet
56Kb / 8P
   L-BAND SPDT SWITCH
UPG133G NEC-UPG133G Datasheet
87Kb / 12P
   L-BAND SPDT SWITCH
UPG154TB NEC-UPG154TB Datasheet
94Kb / 16P
   L-BAND SPDT SWITCH
UPG2012TK NEC-UPG2012TK_1 Datasheet
109Kb / 9P
   L-BAND SPDT SWITCH
UPG132G NEC-UPG132G Datasheet
111Kb / 14P
   L-BAND SPDT SWITCH
UPG2012TB NEC-UPG2012TB_1 Datasheet
72Kb / 9P
   L-BAND SPDT SWITCH
More results




About California Eastern Labs


California Eastern Laboratories (CEL) is a leading semiconductor manufacturer and technology company that specializes in the design, development, and production of advanced RF and microwave components and systems. The company is headquartered in Santa Clara, California, and has been in operation for over 60 years.

CEL is known for its extensive range of high-performance RF and microwave products, including RF switches, mixers, amplifiers, and modules. The company also offers custom design services for customers with specific needs. CEL's products are widely used in various industries, including wireless communication, aerospace and defense, automotive, and medical.

CEL is also the exclusive sales and marketing partner of Renesas Electronics Corporation for North and South America, providing Renesas' broad portfolio of semiconductors to customers in the region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com