Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM393MX Datasheet (PDF) - Fairchild Semiconductor

LM393MX Datasheet PDF - Fairchild Semiconductor
Part # LM393MX
Download  LM393MX Download

File Size   155.12 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Dual Differential Comparator

LM393MX Datasheet (PDF)

Go To PDF Page Download Datasheet
LM393MX Datasheet PDF - Fairchild Semiconductor

Part # LM393MX
Download  LM393MX Click to download

File Size   155.12 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Dual Differential Comparator

LM393MX Datasheet (HTML) - Fairchild Semiconductor

LM393MX Datasheet HTML 1Page - Fairchild Semiconductor LM393MX Datasheet HTML 2Page - Fairchild Semiconductor LM393MX Datasheet HTML 3Page - Fairchild Semiconductor LM393MX Datasheet HTML 4Page - Fairchild Semiconductor LM393MX Datasheet HTML 5Page - Fairchild Semiconductor LM393MX Datasheet HTML 6Page - Fairchild Semiconductor LM393MX Datasheet HTML 7Page - Fairchild Semiconductor LM393MX Datasheet HTML 8Page - Fairchild Semiconductor

LM393MX Product details

Description
The LM2903, LM393/LM393A, LM293A consist of two independent voltage comparators designed to operate from a single power supply over a wide voltage range.

Features
• Single Supply Operation: 2V to 36V
• Dual Supply Operation: 1V to 18V
• Allow Comparison of Voltages Near Ground Potential
• Low Current Drain 800A Typ.
• Compatible with all Forms of Logic
• Low Input Bias Current 25nA Typ.
• Low Input Offset Current 5nA Typ.
• Low Offset Voltage 1mV Typ.



Similar Part No. - LM393MX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM393MX NSC-LM393MX Datasheet
322Kb / 15P
   Low Power Low Offset Voltage Dual Comparators
logo
Rohm
LM393MX ROHM-LM393MX Datasheet
283Kb / 6P
   SILICON MONNOLITHIC INTEGRATED CIRCUIT
LM393MX ROHM-LM393MX Datasheet
709Kb / 17P
   NOW SERIES Comparators
logo
Texas Instruments
LM393MX TI1-LM393MX Datasheet
447Kb / 17P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
LM393MX TI1-LM393MX Datasheet
1Mb / 24P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
More results


Similar Description - LM393MX

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GSCLM393 GTM-GSCLM393 Datasheet
229Kb / 4P
   DUAL DIFFERENTIAL COMPARATOR
logo
Motorola, Inc
MC1414 MOTOROLA-MC1414 Datasheet
210Kb / 4P
   DUAL DIFFERENTIAL COMPARATOR
logo
SeCoS Halbleitertechnol...
SPWLM393D SECOS-SPWLM393D Datasheet
761Kb / 4P
   Dual Differential Comparator
SPWLM393S SECOS-SPWLM393S Datasheet
763Kb / 4P
   Dual Differential Comparator
logo
First Components Intern...
LM393 FCI-LM393 Datasheet
71Kb / 4P
   Dual Differential Comparator
logo
Texas Instruments
LM293-EP TI1-LM293-EP_14 Datasheet
346Kb / 9P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATOR
logo
Unisonic Technologies
LM393 UTC-LM393 Datasheet
181Kb / 5P
   DUAL DIFFERENTIAL COMPARATOR
logo
Texas Instruments
LM293-EP TI1-LM293-EP_16 Datasheet
346Kb / 8P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATOR
logo
Fairchild Semiconductor
KA293 FAIRCHILD-KA293 Datasheet
84Kb / 10P
   Dual Differential Comparator
LM2903 FAIRCHILD-LM2903 Datasheet
77Kb / 8P
   Dual Differential Comparator
logo
Unisonic Technologies
LM393 UTC-LM393_05 Datasheet
184Kb / 6P
   DUAL DIFFERENTIAL COMPARATOR
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com