Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC78M05CDTX Datasheet (PDF) - Fairchild Semiconductor

MC78M05CDTX Datasheet PDF - Fairchild Semiconductor
Part # MC78M05CDTX
Download  MC78M05CDTX Download

File Size   297.7 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 3-Terminal 0.5 A Positive Voltage Regulator

MC78M05CDTX Datasheet (PDF)

Go To PDF Page Download Datasheet
MC78M05CDTX Datasheet PDF - Fairchild Semiconductor

Part # MC78M05CDTX
Download  MC78M05CDTX Click to download

File Size   297.7 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 3-Terminal 0.5 A Positive Voltage Regulator

MC78M05CDTX Datasheet (HTML) - Fairchild Semiconductor

MC78M05CDTX Datasheet HTML 1Page - Fairchild Semiconductor MC78M05CDTX Datasheet HTML 2Page - Fairchild Semiconductor MC78M05CDTX Datasheet HTML 3Page - Fairchild Semiconductor MC78M05CDTX Datasheet HTML 4Page - Fairchild Semiconductor MC78M05CDTX Datasheet HTML 5Page - Fairchild Semiconductor MC78M05CDTX Datasheet HTML 6Page - Fairchild Semiconductor MC78M05CDTX Datasheet HTML 7Page - Fairchild Semiconductor MC78M05CDTX Datasheet HTML 8Page - Fairchild Semiconductor MC78M05CDTX Datasheet HTML 9Page - Fairchild Semiconductor

MC78M05CDTX Product details

Description
The KA78M05 / LM78M05 / MC78M05 series of three-terminal positive regulators is available in the TO-220 / D-PAK packages, making it useful in a wide range of applications.

Features
• Output Current up to 0.5 A
• Output Voltages of 5 V
• Thermal Overload Protection
• Short-Circuit Protection
• Output Transistor Safe Operating Area (SOA) Protection



Similar Part No. - MC78M05CDTX

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC78M05CDT MOTOROLA-MC78M05CDT Datasheet
189Kb / 12P
   THREE-TERMINAL MEDIUM CURRENT POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC78M05CDT ONSEMI-MC78M05CDT Datasheet
153Kb / 16P
   500 mA Positive Voltage Regulators
November, 2005 ??Rev. 16
logo
Fairchild Semiconductor
MC78M05CDT FAIRCHILD-MC78M05CDT Datasheet
88Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
logo
ON Semiconductor
MC78M05CDT ONSEMI-MC78M05CDT Datasheet
154Kb / 16P
   500 mA Positive Voltage Regulators
August, 2006 ??Rev. 18
logo
Fairchild Semiconductor
MC78M05CDT FAIRCHILD-MC78M05CDT Datasheet
278Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
More results


Similar Description - MC78M05CDTX

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
7808R SEMTECH_ELEC-7808R Datasheet
210Kb / 3P
   3-Terminal 1 A Positive Voltage Regulator
7809R SEMTECH_ELEC-7809R Datasheet
197Kb / 2P
   3-terminal 1 A positive voltage regulator
7812R SEMTECH_ELEC-7812R Datasheet
220Kb / 3P
   3-terminal 1 A positive voltage regulator
ST7809 SEMTECH_ELEC-ST7809 Datasheet
254Kb / 3P
   3-terminal 1 A positive voltage regulator
logo
Thinki Semiconductor Co...
LM78XX THINKISEMI-LM78XX Datasheet
552Kb / 7P
   3-Terminal 1 A Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
7808 SEMTECH_ELEC-7808 Datasheet
237Kb / 3P
   3-terminal 1 A positive voltage regulator
7815 SEMTECH_ELEC-7815 Datasheet
217Kb / 3P
   3-terminal 1 A positive voltage regulator
ST7815 SEMTECH_ELEC-ST7815 Datasheet
254Kb / 3P
   3-terminal 1 A positive voltage regulator
ST7808R SEMTECH_ELEC-ST7808R Datasheet
252Kb / 3P
   3-terminal 1 A positive voltage regulator
logo
Fairchild Semiconductor
LM7808CT FAIRCHILD-LM7808CT Datasheet
460Kb / 24P
   3-Terminal 1 A Positive Voltage Regulator
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com