Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP1754 Datasheet (PDF) - Analog Devices

ADP1754 Datasheet PDF - Analog Devices
Part # ADP1754
Download  ADP1754 Download

File Size   738.32 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.2 A, Low VIN, Low Dropout Linear Regulator

ADP1754 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP1754 Datasheet PDF - Analog Devices

Part # ADP1754
Download  ADP1754 Click to download

File Size   738.32 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.2 A, Low VIN, Low Dropout Linear Regulator

ADP1754 Datasheet (HTML) - Analog Devices

Back Button ADP1754 Datasheet HTML 1Page - Analog Devices ADP1754 Datasheet HTML 2Page - Analog Devices ADP1754 Datasheet HTML 3Page - Analog Devices ADP1754 Datasheet HTML 4Page - Analog Devices ADP1754 Datasheet HTML 5Page - Analog Devices ADP1754 Datasheet HTML 6Page - Analog Devices ADP1754 Datasheet HTML 7Page - Analog Devices ADP1754 Datasheet HTML 8Page - Analog Devices ADP1754 Datasheet HTML 9Page - Analog Devices ADP1754 Datasheet HTML 10Page - Analog Devices Next Button 

ADP1754 Product details

GENERAL DESCRIPTION

The ADP1754/ADP1755 are low dropout (LDO) CMOS linear regulators that operate from 1.6 V to 3.6 V and provide up to 1.2  A of output current. These low VIN/VOUT LDOs are ideal for regulation of nanometer FPGA geometries operating from 2.5 V down to 1.8 V I/O rails, and for powering core voltages down to 0.75 V. Using an advanced proprietary architecture, the ADP1754/

ADP1755 provide high power supply rejection ratio (PSRR) and low noise, and achieve excellent line and load transient response with only a small 4.7 µF ceramic output capacitor.



FEATURES

Maximum output current: 1.2 A

Input voltage range: 1.6 V to 3.6 V

Low shutdown current: <2 µA

Very low dropout voltage: 105 mV @ 1.2 A load

Initial accuracy: ±1%

Accuracy over line, load, and temperature: ±2%

7 fixed output voltage options with soft start 0.75 V to 2.5 V (ADP1754)

Adjustable output voltage option with soft start 0.75 V to 3.3 V (ADP1755)

High PSRR

   65 dB @ 1 kHz

   65 dB @ 10 kHz

   54 dB @ 100 kHz

23 μV rms at 0.75 V output

Stable with small 4.7 µF ceramic output capacitor

Excellent load and line transient response

Current-limit and thermal overload protection

Power-good indicator

Logic-controlled enable

Reverse current protection



Similar Part No. - ADP1754

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1754 AD-ADP1754 Datasheet
883Kb / 19P
   CMOS Linear Regulator
ADP1754 AD-ADP1754 Datasheet
1,007Kb / 19P
   CMOS Linear Regulator
ADP1754 AD-ADP1754 Datasheet
935Kb / 19P
   CMOS Linear Regulator
ADP1754 AD-ADP1754 Datasheet
777Kb / 20P
   4 A, Low VIN, Low Noise, CMOS Linear Regulator
Rev. A
ADP1754 AD-ADP1754 Datasheet
782Kb / 20P
   5 A, Low VIN, Low Noise, CMOS Linear Regulator
Rev. A
More results


Similar Description - ADP1754

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1755ACPZ AD-ADP1755ACPZ Datasheet
709Kb / 20P
   1.2 A, Low VIN, Low Dropout Linear Regulator
Rev. F
ADP1752 AD-ADP1752 Datasheet
703Kb / 20P
   0.8 A, Low VIN, Low Dropout Linear Regulator
Rev. E
ADP1740 AD-ADP1740_13 Datasheet
743Kb / 20P
   2 A, Low VIN, Low Dropout Linear Regulator
Rev. E
logo
STMicroelectronics
LDL1117 STMICROELECTRONICS-LDL1117 Datasheet
1Mb / 23P
   1.2 A high PSRR low-dropout linear voltage regulator
Rev 6 - April 2020
logo
SHANGHAI BELLING CO., L...
BL8074 BELLING-BL8074 Datasheet
1,008Kb / 5P
   800mA Ultra-Low Vin Low Dropout Voltage Linear Regulator
logo
ACE Technology Co., LTD...
ACE518C ACE-ACE518C Datasheet
407Kb / 8P
   1A Ultra-Low Vin Low Dropout Voltage Linear Regulator
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8073 BELLING-BL8073 Datasheet
995Kb / 5P
   1A Ultra-Low Vin Low Dropout Voltage Linear Regulator
logo
Linear Technology
LT3060 LINER-LT3060 Datasheet
283Kb / 20P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3060 LINER-LT3060_11 Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3060 LINER-LT3060_15 Datasheet
441Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com