Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6N136 Datasheet (PDF) - Fairchild Semiconductor

6N136 Datasheet PDF - Fairchild Semiconductor
Part # 6N136
Download  6N136 Download

File Size   325.53 Kbytes
Page   12 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description High Speed Transistor Optocouplers

6N136 Datasheet (PDF)

Go To PDF Page Download Datasheet
6N136 Datasheet PDF - Fairchild Semiconductor

Part # 6N136
Download  6N136 Click to download

File Size   325.53 Kbytes
Page   12 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description High Speed Transistor Optocouplers

6N136 Datasheet (HTML) - Fairchild Semiconductor

Back Button 6N136 Datasheet HTML 1Page - Fairchild Semiconductor 6N136 Datasheet HTML 2Page - Fairchild Semiconductor 6N136 Datasheet HTML 3Page - Fairchild Semiconductor 6N136 Datasheet HTML 4Page - Fairchild Semiconductor 6N136 Datasheet HTML 5Page - Fairchild Semiconductor 6N136 Datasheet HTML 6Page - Fairchild Semiconductor 6N136 Datasheet HTML 7Page - Fairchild Semiconductor 6N136 Datasheet HTML 8Page - Fairchild Semiconductor 6N136 Datasheet HTML 9Page - Fairchild Semiconductor 6N136 Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

6N136 Product details

Description
The HCPL4502, HCPL2503, 6N135, 6N136, HCPL2530 and HCPL2531 optocouplers consist of an AlGaAs LED optically coupled to a high speed photodetector transistor.
A separate connection for the bias of the photodiode improves the speed by several orders of magnitude over conventional phototransistor optocouplers by reducing the base-collector capacitance of the input transistor.
An internal noise shield provides superior common mode rejection of 10kV/µs. An improved package allows superior insulation permitting a 480V working voltage compared to industry standard of 220V.

Features
■ High speed –1 MBit/s
■ Superior CMR – 10kV/µs
■ Dual-Channel HCPL2530/HCPL2531
■ Double working voltage – 480V RMS
■ CTR guaranteed 0–70°C
■ U.L. recognized (File # E90700)

Applications
■ Line receivers
■ Pulse transformer replacement
■ Output interface to CMOS-LSTTL-TTL
■ Wide bandwidth analog coupling



Similar Part No. - 6N136

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
6N136 QT-6N136 Datasheet
169Kb / 9P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
6N136 FAIRCHILD-6N136 Datasheet
592Kb / 12P
   High Speed Transistor Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N136 AVAGO-6N136 Datasheet
479Kb / 16P
   Single Channel, High Speed Optocouplers
logo
Sharp Corporation
6N136 SHARP-6N136 Datasheet
72Kb / 5P
   General Purpose Type Photocoupler
logo
Toshiba Semiconductor
6N136 TOSHIBA-6N136 Datasheet
195Kb / 8P
   GaA?밃s Ired & Photo IC Digital Logic Isolation.
More results


Similar Description - 6N136

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
6N135 FAIRCHILD-6N135_06 Datasheet
592Kb / 12P
   High Speed Transistor Optocouplers
HCPL4502SD FAIRCHILD-HCPL4502SD Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
logo
List of Unclassifed Man...
MCL2503 ETC1-MCL2503 Datasheet
898Kb / 8P
   HIGH-SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
FOD050L FAIRCHILD-FOD050L Datasheet
689Kb / 13P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL4503M FAIRCHILD-HCPL4503M_08 Datasheet
292Kb / 10P
   High Speed Transistor Optocouplers
logo
QT Optoelectronics
6N135 QT-6N135 Datasheet
169Kb / 9P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL0501R2V FAIRCHILD-HCPL0501R2V Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL2503 FAIRCHILD-HCPL2503 Datasheet
200Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL0452 FAIRCHILD-HCPL0452 Datasheet
545Kb / 9P
   High Speed Transistor Optocouplers
HCPL4503M FAIRCHILD-HCPL4503M Datasheet
574Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
6N135 FAIRCHILD-6N135 Datasheet
606Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com