Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9517-3 Datasheet (PDF) - Analog Devices

AD9517-3 Datasheet PDF - Analog Devices
Part # AD9517-3
Download  AD9517-3 Download

File Size   1481.05 Kbytes
Page   80 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12-Output Clock Generator with Integrated 2.0 GHz VCO

AD9517-3 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9517-3 Datasheet PDF - Analog Devices

Part # AD9517-3
Download  AD9517-3 Click to download

File Size   1481.05 Kbytes
Page   80 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12-Output Clock Generator with Integrated 2.0 GHz VCO

AD9517-3 Datasheet (HTML) - Analog Devices

Back Button AD9517-3 Datasheet HTML 1Page - Analog Devices AD9517-3 Datasheet HTML 2Page - Analog Devices AD9517-3 Datasheet HTML 3Page - Analog Devices AD9517-3 Datasheet HTML 4Page - Analog Devices AD9517-3 Datasheet HTML 5Page - Analog Devices AD9517-3 Datasheet HTML 6Page - Analog Devices AD9517-3 Datasheet HTML 7Page - Analog Devices AD9517-3 Datasheet HTML 8Page - Analog Devices AD9517-3 Datasheet HTML 9Page - Analog Devices AD9517-3 Datasheet HTML 10Page - Analog Devices Next Button 

AD9517-3 Product details

GENERAL DESCRIPTION
The AD9517-31 provides a multi-output clock distribution function with subpicosecond jitter performance, along with an on-chip PLL and VCO. The on-chip VCO tunes from 1.75 GHz to 2.25 GHz. Optionally, an external VCO/VCXO of up to 2.4 GHz can be used.

FEATURES
    Low phase noise, phase-locked loop (PLL)
        On-chip VCO tunes from 1.75 GHz to 2.25 GHz
        External VCO/VCXO to 2.4 GHz optional
        1 differential or 2 single-ended reference inputs
        Reference monitoring capability
        Automatic revertive and manual reference switchover/holdover modes
        Accepts LVPECL, LVDS, or CMOS references to 250 MHz
        Programmable delays in path to PFD
        Digital or analog lock detect, selectable
    2 pairs of 1.6 GHz LVPECL outputs
        Each output pair shares a 1-to-32 divider with coarse phase delay
        Additive output jitter: 225 fs rms
        Channel-to-channel skew paired outputs of <10 ps
    2 pairs of 800 MHz LVDS clock outputs
        Each output pair shares two cascaded 1-to-32 dividers with coarse phase delay
        Additive output jitter: 275 fs rms
        Fine delay adjust (Δt) on each LVDS output
        Each LVDS output can be reconfigured as two 250 MHz CMOS outputs
    Automatic synchronization of all outputs on power-up
    Manual output synchronization available
    Available in a 48-lead LFCSP

APPLICATIONS
    Low jitter, low phase noise clock distribution
    10/40/100 Gb/sec networking line cards, including SONET, Synchronous Ethernet, OTU2/3/4
    Forward error correction (G.710)
    Clocking high speed ADCs, DACs, DDSs, DDCs, DUCs, MxFEs
    High performance wireless transceivers
    ATE and high performance instrumentation



Similar Part No. - AD9517-3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9517-3 AD-AD9517-3 Datasheet
1Mb / 80P
   12-Output Clock Generator with Integrated 2.0 GHz VCO
Rev. E
AD9517-3ABCPZ AD-AD9517-3ABCPZ Datasheet
1Mb / 80P
   12-Output Clock Generator with Integrated 2.0 GHz VCO
Rev. E
AD9517-3ABCPZ AD-AD9517-3ABCPZ Datasheet
1Mb / 80P
   12-Output Clock Generator with Integrated 2.0 GHz VCO
Rev. E
AD9517-3 AD-AD9517-3_15 Datasheet
1Mb / 80P
   12-Output Clock Generator with Integrated 2.0 GHz VCO
Rev. E
More results


Similar Description - AD9517-3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9517-3ABCPZ AD-AD9517-3ABCPZ Datasheet
1Mb / 80P
   12-Output Clock Generator with Integrated 2.0 GHz VCO
Rev. E
AD9517-3 AD-AD9517-3_15 Datasheet
1Mb / 80P
   12-Output Clock Generator with Integrated 2.0 GHz VCO
Rev. E
AD9517-3ABCPZ AD-AD9517-3ABCPZ Datasheet
1Mb / 80P
   12-Output Clock Generator with Integrated 2.0 GHz VCO
Rev. E
AD9516-3 AD-AD9516-3 Datasheet
957Kb / 84P
   14-Output Clock Generator with Integrated 2.0 GHz VCO
REV. 0
AD9516-3 AD-AD9516-3_15 Datasheet
1Mb / 80P
   14-Output Clock Generator with Integrated 2.0 GHz VCO
REV. C
AD9518-3 AD-AD9518-3_15 Datasheet
1Mb / 64P
   6-Output Clock Generator with Integrated 2.0 GHz VCO
Rev. C
AD9517-2 AD-AD9517-2_15 Datasheet
1Mb / 80P
   12-Output Clock Generator with Integrated 2.2 GHz VCO
Rev. E
AD9517-0ABCPZ AD-AD9517-0ABCPZ Datasheet
1Mb / 80P
   12-Output Clock Generator with Integrated 2.8 GHz VCO
Rev. E
AD9517-2 AD-AD9517-2 Datasheet
844Kb / 80P
   12-Output Clock Generator with Integrated 2.2 GHz VCO
AD9517-4 AD-AD9517-4 Datasheet
1Mb / 80P
   12-Output Clock Generator with Integrated 1.6 GHz VCO
Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com