Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5629R Datasheet (PDF) - Analog Devices

AD5629R Datasheet PDF - Analog Devices
Part # AD5629R
Download  AD5629R Download

File Size   1166.37 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Octal, 12-/16-Bit, I2C, denseDACs with 5 ppm/째C On-Chip Reference

AD5629R Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5629R Datasheet PDF - Analog Devices

Part # AD5629R
Download  AD5629R Click to download

File Size   1166.37 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Octal, 12-/16-Bit, I2C, denseDACs with 5 ppm/째C On-Chip Reference

AD5629R Datasheet (HTML) - Analog Devices

Back Button AD5629R Datasheet HTML 1Page - Analog Devices AD5629R Datasheet HTML 2Page - Analog Devices AD5629R Datasheet HTML 3Page - Analog Devices AD5629R Datasheet HTML 4Page - Analog Devices AD5629R Datasheet HTML 5Page - Analog Devices AD5629R Datasheet HTML 6Page - Analog Devices AD5629R Datasheet HTML 7Page - Analog Devices AD5629R Datasheet HTML 8Page - Analog Devices AD5629R Datasheet HTML 9Page - Analog Devices AD5629R Datasheet HTML 10Page - Analog Devices Next Button 

AD5629R Product details

GENERAL DESCRIPTION
The AD5629R/AD5669R devices are low power, octal, 12-/16-bit, buffered voltage-output DACs. All devices are guaranteed monotonic by design.

FEATURES
    Low power octal DACs
        AD5629R: 12 bits
        AD5669R: 16 bits
    2.6 mm × 2.6 mm 16-ball WLCSP
    4 mm × 4 mm 16-lead LFCSP and 16-lead TSSOP
    On-chip 1.25 V/2.5 V, 5 ppm/°C reference
    Power down to 400 nA at 5 V, 200 nA at 3 V
    2.7 V to 5.5 V power supply
    Guaranteed monotonic by design
    Power-on reset to zero scale or midscale
    3 power-down functions
    Hardware LDAC and CLR functions
    I2C-compatible serial interface supports standard (100 kHz) and fast (400 kHz) modes

APPLICATIONS
    Process control
    Data acquisition systems
    Portable battery-powered instruments
    Digital gain and offset adjustment
    Programmable voltage and current sources



Similar Part No. - AD5629R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5629R AD-AD5629R Datasheet
1Mb / 30P
   Octal, 12-/16-Bit, I2C, denseDACs On-Chip Reference
AD5629RACPZ-2-RL7 AD-AD5629RACPZ-2-RL7 Datasheet
1Mb / 30P
   Octal, 12-/16-Bit, I2C, denseDACs On-Chip Reference
AD5629RACPZ-3-RL7 AD-AD5629RACPZ-3-RL7 Datasheet
1Mb / 30P
   Octal, 12-/16-Bit, I2C, denseDACs On-Chip Reference
AD5629RARUZ-1 AD-AD5629RARUZ-1 Datasheet
1Mb / 30P
   Octal, 12-/16-Bit, I2C, denseDACs On-Chip Reference
AD5629RARUZ-1-RL7 AD-AD5629RARUZ-1-RL7 Datasheet
1Mb / 30P
   Octal, 12-/16-Bit, I2C, denseDACs On-Chip Reference
More results


Similar Description - AD5629R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5629R AD-AD5629R_18 Datasheet
1Mb / 30P
   Octal, 12-/16-Bit, I2C, denseDACs On-Chip Reference
AD5625R AD-AD5625R_13 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference, I2C Interface
REV. C
AD5624R AD-AD5624R_V01 Datasheet
843Kb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference
Rev. D
AD5668BRUZ-2 AD-AD5668BRUZ-2 Datasheet
1Mb / 32P
   Octal, 12-/14-/16-Bit SPI Voltage Output denseDAC with 5 ppm/째C On-Chip Reference
Rev. G
AD5672R AD-AD5672R Datasheet
865Kb / 34P
   Octal, 12-/16-Bit nanoDAC with ppm/째C Reference, SPI Interface
AD5627R AD-AD5627R_07 Datasheet
1Mb / 32P
   Dual, 12-/14-/16-Bit nanoDACs짰 with 5 ppm/째C On-Chip Reference, I2C짰 Interface
REV. 0
AD5620 AD-AD5620_10 Datasheet
538Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/째C On-Chip Reference in SOT-23
Rev. F
AD5697R AD-AD5697R Datasheet
1Mb / 28P
   Dual, 12-Bit nanoDAC with 2 ppm/째C Reference, I2C Interface
REV. 0
AD5624R AD-AD5624R_15 Datasheet
1Mb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
AD5623RBCPZ-5REEL7 AD-AD5623RBCPZ-5REEL7 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/ C On-Chip Reference
Rev. F
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com