Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

252252B Datasheet (PDF) - Integrated Technology Future

252252B Datasheet PDF - Integrated Technology Future
Part # 252252B
Download  252252B Download

File Size   288.21 Kbytes
Page   5 Pages
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future
Description Bandpass Filter 252252B

252252B Datasheet (PDF)

Go To PDF Page Download Datasheet
252252B Datasheet PDF - Integrated Technology Future

Part # 252252B
Download  252252B Click to download

File Size   288.21 Kbytes
Page   5 Pages
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future
Description Bandpass Filter 252252B

252252B Datasheet (HTML) - Integrated Technology Future

252252B Datasheet HTML 1Page - Integrated Technology Future 252252B Datasheet HTML 2Page - Integrated Technology Future 252252B Datasheet HTML 3Page - Integrated Technology Future 252252B Datasheet HTML 4Page - Integrated Technology Future 252252B Datasheet HTML 5Page - Integrated Technology Future


Similar Part No. - 252252B

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
252255B ITF-252255B Datasheet
164Kb / 2P
   Typical 1dB bandwidth of 21.5 MHz
252256B ITF-252256B Datasheet
156Kb / 2P
   Typical 1dB bandwidth of 21.65MHz
More results


Similar Description - 252252B

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF6007 XFMRS-XF6007_15 Datasheet
76Kb / 1P
   BANDPASS FILTER
logo
KR Electronics, Inc.
1905A-1 KR-1905A-1 Datasheet
21Kb / 1P
   Bandpass Filter
logo
PCA ELECTRONICS INC.
EPB5162G PCA-EPB5162G Datasheet
18Kb / 1P
   Bandpass Filter
logo
XFMRS Inc.
XF6003 XFMRS-XF6003 Datasheet
42Kb / 1P
   BANDPASS FILTER
XF6006S XFMRS-XF6006S Datasheet
67Kb / 2P
   BANDPASS FILTER
XFVDSLCO1 XFMRS-XFVDSLCO1 Datasheet
62Kb / 1P
   BANDPASS FILTER
XFVDSLCPE1 XFMRS-XFVDSLCPE1 Datasheet
62Kb / 1P
   BANDPASS FILTER
logo
Integrated Technology F...
250457B ITF-250457B Datasheet
196Kb / 5P
   Bandpass Filter
logo
KR Electronics, Inc.
2157-17.25-5-50 KR-2157-17.25-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-20-5-50 KR-2157-20-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com