Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

252160B Datasheet (PDF) - Integrated Technology Future

252160B Datasheet PDF - Integrated Technology Future
Part # 252160B
Download  252160B Download

File Size   196.69 Kbytes
Page   2 Pages
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future
Description 175.0 MHz SAW Filter

252160B Datasheet (PDF)

Go To PDF Page Download Datasheet
252160B Datasheet PDF - Integrated Technology Future

Part # 252160B
Download  252160B Click to download

File Size   196.69 Kbytes
Page   2 Pages
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future
Description 175.0 MHz SAW Filter

252160B Datasheet (HTML) - Integrated Technology Future

252160B Datasheet HTML 1Page - Integrated Technology Future 252160B Datasheet HTML 2Page - Integrated Technology Future


Similar Part No. - 252160B

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2521 PHOENIX-2521 Datasheet
210Kb / 3P
   VARIOFACE Professional for system cabling applications
2014-08-08
logo
KR Electronics, Inc.
2521-1 KR-2521-1 Datasheet
23Kb / 2P
   Bandpass Filter
2521-2 KR-2521-2 Datasheet
23Kb / 2P
   Bandpass Filter
2521-3 KR-2521-3 Datasheet
22Kb / 2P
   Bandpass Filter
2521-4 KR-2521-4 Datasheet
22Kb / 2P
   Bandpass Filter
More results


Similar Description - 252160B

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
250459B ITF-250459B Datasheet
180Kb / 2P
   175.0 MHz SAW Filter
252061B ITF-252061B Datasheet
193Kb / 2P
   175.0 MHz SAW Filter
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
TA1059A TAI-SAW-TA1059A Datasheet
367Kb / 8P
   SAW Filter 2477 MHz
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com