|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
ISL9K18120G3 - 18A, 1200V Stealth™ Dual Diode - Fairchild Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| ISL9K30120G3 | 30A 1200V Stealth⢠Dual Diode | 1 2 3 4 5 More | Fairchild Semiconductor |
| ISL9K8120P3 | 8A 1200V Stealth⢠Dual Diode | 1 2 3 4 5 More | Fairchild Semiconductor |
| ISL9R18120G2 | 18A 1200V Stealth⢠Diode | 1 2 3 4 5 More | Fairchild Semiconductor |
| RHRG15120CC | 15A 1200V Hyperfast Dual Diode | 1 2 3 4 | Intersil Corporation |
| RURG15120CC | 15A 1200V Ultrafast Dual Diode | 1 2 3 4 | Intersil Corporation |
| RHRG30120CC | 30A 1200V Hyperfast Dual Diode | 1 2 3 | Intersil Corporation |
| RURG30120CC | 30A 1200V Ultrafast Dual Diode | 1 2 3 | Intersil Corporation |
| ISL9R30120G2 | 30A 1200V Stealth⢠Diode | 1 2 3 4 5 More | Fairchild Semiconductor |
| ISL9R8120P2 | 8A 1200V Stealth⢠Diode | 1 2 3 4 5 More | Fairchild Semiconductor |
| RHRP6120CC | 6A 1200V Hyperfast Dual Diode | 1 2 3 4 5 | Intersil Corporation |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
|
|