![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
IRFS440B - 500V N-Channel MOSFET - Fairchild Semiconductor |
|
Click Here View IRFS440B Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| STD2NC50 | N-CHANNEL 500V - 3ohm - 2.2A DPAK/IPAK PowerMesh˘âII MOSFET | STMicroelectronics |
| STP20NM50FD | N-CHANNEL 500V - 0.22ohm - 20A TO-220/I2PAK FDmesh˘â Power MOSFET with FAST DIODE | STMicroelectronics |
| STW15NB50 | N-CHANNEL 500V - 0.33ohm - 14.6A - T0-247/ISOWATT218 PowerMESH MOSFET | STMicroelectronics |
| FQB2N50 | 500V N-Channel MOSFET | Fairchild Semiconductor |
| FQNL1N50B | 500V N-Channel MOSFET | Fairchild Semiconductor |
| FQPF5N50 | 500V N-Channel MOSFET | Fairchild Semiconductor |
| IRFS450B | 500V N-Channel MOSFET | Fairchild Semiconductor |
| IRF430 | 4.5A 500V 1.500 Ohm N-Channel Power MOSFET | Intersil Corporation |
| FQPF5N50CF | 500V N-Channel MOSFET | Fairchild Semiconductor |
| FQPF9N50CF | 500V N-Channel MOSFET | Fairchild Semiconductor |
Link URL |
|
|
Related keyword |
| IRFS440B Datasheet | IRFS440B Cross Reference | IRFS440B Schematic | IRFS440B Distributor | IRFS440B Datenblatt | IRFS440B RoHS |
| IRFS440B Equivalent | IRFS440B Application Notes | IRFS440B Data Sheet | IRFS440B component | IRFS440B Fiche Technique | IRFS440B Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |