|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
IRF240 - N-Channel Power MOSFETs, 18A, 150-200V - Fairchild Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| FSF254D | 18A 250V 0.170 Ohm Rad Hard SEGR Resistant N-Channel Power MOSFETs | 1 2 3 4 5 More | Intersil Corporation |
| IRF220-223 | N-Channel Power MOSFETs 7A 150-200V | 1 2 3 4 5 | Fairchild Semiconductor |
| RFM18N08 | 18A 80V and 100V 0.100 Ohm N-Channel Power MOSFETs | 1 2 3 4 5 | Intersil Corporation |
| IRF610-613 | N-Channel Power MOSFETs 3.5A 150-200V | 1 2 3 4 5 | Fairchild Semiconductor |
| IRF640N | N-Channel Power MOSFETs 200V 18A 0.15ohm | 1 2 3 4 5 More | Fairchild Semiconductor |
| HUFA75829D3 | 18A 150V 0.110 Ohm N-Channel UltraFET Power MOSFETs | 1 2 3 4 5 More | Fairchild Semiconductor |
| IRF640 | 18A 200V 0.180 Ohm N-Channel Power MOSFETs | 1 2 3 4 5 More | Fairchild Semiconductor |
| MRF182 | LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs | 1 2 3 4 5 More | Motorola, Inc |
| SD2931 | RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs | 1 2 3 4 | STMicroelectronics |
| IRF320 | N-CHANNEL POWER MOSFETS | 1 2 3 4 5 | Samsung semiconductor |
Datasheet Page |
1 2 3 4 5 |
Link URL |
|
|