|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
IRF101 - N-Channel Power MOSFETs, 27 A, 60-100V - Fairchild Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| IRF510-513 | N-Channel Power MOSFETs 5.5 A 60-100V | 1 2 3 4 5 | Fairchild Semiconductor |
| MRF183 | LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs | 1 2 3 4 5 More | Motorola, Inc |
| SD2932 | RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs | 1 2 3 4 5 More | STMicroelectronics |
| IRF330 | N-CHANNEL POWER MOSFETS | 1 2 3 4 5 | Samsung semiconductor |
| SSH5N90 | N-CHANNEL POWER MOSFETS | 1 2 3 4 5 | Samsung semiconductor |
| SML100S11 | N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS | 1 2 | Seme LAB |
| SML120L16 | N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS | 1 2 | Seme LAB |
| SML30J70 | N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS | 1 2 | Seme LAB |
| SML50B26 | N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS | 1 2 | Seme LAB |
| SML60B18 | N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS | 1 2 | Seme LAB |
Datasheet Page |
1 2 3 4 5 |
Link URL |
|
|