Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C470RT200-0316 Datasheet (PDF) - Cree, Inc

C470RT200-0316 Datasheet PDF - Cree, Inc
Part # C470RT200-0316
Download  C470RT200-0316 Download

File Size   376.73 Kbytes
Page   6 Pages
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc
Description Reduced Forward Voltage 3.0 V Typical at 5 mA

C470RT200-0316 Datasheet (PDF)

Go To PDF Page Download Datasheet
C470RT200-0316 Datasheet PDF - Cree, Inc

Part # C470RT200-0316
Download  C470RT200-0316 Click to download

File Size   376.73 Kbytes
Page   6 Pages
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc
Description Reduced Forward Voltage 3.0 V Typical at 5 mA

C470RT200-0316 Datasheet (HTML) - Cree, Inc

C470RT200-0316 Datasheet HTML 1Page - Cree, Inc C470RT200-0316 Datasheet HTML 2Page - Cree, Inc C470RT200-0316 Datasheet HTML 3Page - Cree, Inc C470RT200-0316 Datasheet HTML 4Page - Cree, Inc C470RT200-0316 Datasheet HTML 5Page - Cree, Inc C470RT200-0316 Datasheet HTML 6Page - Cree, Inc



Similar Part No. - C470RT200-0316

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C470RT200-S0800 CREE-C470RT200-S0800 Datasheet
192Kb / 6P
   Reduced Forward Voltage 3.0 V Typical at 5 mA
C470RT200-S1000 CREE-C470RT200-S1000 Datasheet
192Kb / 6P
   Reduced Forward Voltage 3.0 V Typical at 5 mA
C470RT200-S1200 CREE-C470RT200-S1200 Datasheet
192Kb / 6P
   Reduced Forward Voltage 3.0 V Typical at 5 mA
More results


Similar Description - C470RT200-0316

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C460RT200-S1200 CREE-C460RT200-S1200_16 Datasheet
192Kb / 6P
   Reduced Forward Voltage 3.0 V Typical at 5 mA
C460RT290-S0100 CREE-C460RT290-S0100_16 Datasheet
203Kb / 4P
   Reduced Forward Voltage 2.9 V Typical at 5 mA
C460RT260-S1600 CREE-C460RT260-S1600_16 Datasheet
196Kb / 6P
   Reduced Forward Voltage 3.2 V Typical at 20 mA
C460RT320-0313 CREE-C460RT320-0313 Datasheet
375Kb / 6P
   Reduced Forward Voltage 3.1 V Typical at 20 mA
C460RT260-S1600 CREE-C460RT260-S1600 Datasheet
387Kb / 6P
   Reduced Forward Voltage 3.2 V Typical at 20 mA
C460RT290-S0200 CREE-C460RT290-S0200_16 Datasheet
203Kb / 4P
   Reduced Forward Voltage 3.2 V Typical at 20 mA
C460RT320-S1700 CREE-C460RT320-S1700_16 Datasheet
188Kb / 6P
   Reduced Forward Voltage 3.1 V Typical at 20 mA
C450UT190-S1200-31 CREE-C450UT190-S1200-31_16 Datasheet
283Kb / 6P
   Low Forward Voltage 2.9 V Typical at 5 mA
C460RT230-S0100 CREE-C460RT230-S0100_16 Datasheet
242Kb / 4P
   Low Forward Voltage 2.9 V Typical at 5 mA
C450UT190-S1400-30 CREE-C450UT190-S1400-30_16 Datasheet
298Kb / 6P
   Low Forward Voltage 2.9 V Typical at 5 mA
More results




About Cree, Inc


Cree, Inc. is an American semiconductor company that specializes in the design and manufacture of wide bandgap semiconductors, including silicon carbide (SiC) and gallium nitride (GaN) devices, as well as LED lighting and power electronics products. The company was founded in 1987 and is headquartered in Durham, North Carolina.

Cree's wide bandgap semiconductors are used in a variety of applications, including power electronics, automotive, aerospace, and defense. The company's SiC and GaN devices are known for their high efficiency, high power density, and high operating temperature, making them ideal for use in applications where high performance is critical.

In addition to its wide bandgap semiconductor products, Cree also offers LED lighting products, including bulbs, fixtures, and chips, that are used in a variety of applications, including residential, commercial, and industrial lighting. Cree's LED lighting products are known for their high quality, energy efficiency, and long lifespan.

Cree has a strong focus on innovation and research and development, and is committed to developing new and innovative products that meet the evolving needs of its customers. The company has a global presence, with offices and facilities located in the United States, Europe, and Asia, and serves customers in more than 100 countries worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com