Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6N137-000E Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

6N137-000E Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # 6N137-000E
Download  6N137-000E Download

File Size   431.11 Kbytes
Page   21 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description High CMR, High Speed TTL Compatible Optocouplers

6N137-000E Datasheet (PDF)

Go To PDF Page Download Datasheet
6N137-000E Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # 6N137-000E
Download  6N137-000E Click to download

File Size   431.11 Kbytes
Page   21 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description High CMR, High Speed TTL Compatible Optocouplers

6N137-000E Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED

Back Button 6N137-000E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED 6N137-000E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED 6N137-000E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED 6N137-000E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED 6N137-000E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED 6N137-000E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED 6N137-000E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED 6N137-000E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED 6N137-000E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED 6N137-000E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button 

6N137-000E Product details

Description
The 6N137, HCPL-26xx/06xx/4661, HCNW137/26x1 are optically coupled gates that combine a GaAsP light emitting diode and an integrated high gain photo etector.
An enable input allows the detector to be strobed. The output of the detector IC is an open collector Schottky clamped transistor. The internal shield provides a guaranteed common mode transient immunity specification up to 15,000 V/µs at Vcm = 1000 V.
This unique design provides maximum AC and DC circuit isolation while achieving TTL compatibility. The optocoupler AC and DC operational param e ters are guaranteed from -40 °C to +85 °C allowing troublefree system performance.

Features
• 15 kV/µs minimum Common Mode Rejection (CMR)
   at VCM = 1 kV for HCNW2611, HCPL-2611, HCPL-4661,
   HCPL-0611, HCPL-0661
• High speed: 10 MBd typical
• LSTTL/TTL compatible
• Low input current capability: 5 mA
• Guaranteed AC and DC performance over temperature: -40 °C to +85 °C
• Available in 8-Pin DIP, SOIC-8, widebody packages
• Strobable output (single channel products only)
• Safety approval
   UL recognized - 3750 Vrms for 1 minute and 5000 Vrms*
   for 1 minute per UL1577 CSA approved
   IEC/EN/DIN EN 60747-5-5 approved with
      VIORM = 567 Vpeak for 06xx Option 060
      VIORM = 630 Vpeak for 6N137/26xx Option 060
      VIORM = 1414 Vpeak for HCNW137/26x1
• MIL-PRF-38534 hermetic version available (HCPL-56xx/66xx)

Applications
• Isolated line receiver
• Computer-peripheral interfaces
• Microprocessor system interfaces
• Digital isolation for A/D, D/A conversion
• Switching power supply
• Instrument input/output isolation
• Ground loop elimination
• Pulse transformer replacement
• Power transistor isolation in motor drives
• Isolation of high speed logic systems



Similar Part No. - 6N137-000E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
6N137-500E AVAGO-6N137-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
logo
Vishay Siliconix
6N137-X006 VISHAY-6N137-X006 Datasheet
664Kb / 12P
   High Speed Optocoupler, 10 Mbd
Rev. 1.0, 07-Jun-05
6N137-X006 VISHAY-6N137-X006 Datasheet
217Kb / 12P
   High Speed Optocoupler, 10 MBd
Rev. 1.3, 06-Oct-08
6N137-X006 VISHAY-6N137-X006 Datasheet
153Kb / 13P
   High Speed Optocoupler, 10 Mbd
Rev. 1.8, 13-Aug-04
6N137-X006 VISHAY-6N137-X006 Datasheet
245Kb / 16P
   High Speed Optocoupler, Single and Dual, 10 MBd
Rev. 2.0, 27-Sep-16
More results


Similar Description - 6N137-000E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-500E AVAGO-HCPL-2631-500E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0611-500E AVAGO-HCPL-0611-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
6N137 AVAGO-6N137 Datasheet
241Kb / 22P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0600-000E AVAGO-HCPL-0600-000E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
logo
Broadcom Corporation.
6N137 BOARDCOM-6N137 Datasheet
1Mb / 30P
   High CMR, High Speed TTL Compatible Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-000E AVAGO-HCPL-2631-000E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0601-500E AVAGO-HCPL-0601-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0630-500E AVAGO-HCPL-0630-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0631-500E AVAGO-HCPL-0631-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-2630-000E AVAGO-HCPL-2630-000E Datasheet
206Kb / 22P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0630-000E AVAGO-HCPL-0630-000E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com