|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
HRF3205 - 100A, 55V, 0.008 Ohm, N-Channel, Power MOSFETs - Fairchild Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| HRF3205 | 100A 55V 0.008 Ohm N-Channel Power MOSFETs | 1 2 3 4 5 More | Intersil Corporation |
| HUF75344G3 | 75A 55V 0.008 Ohm N-Channel UltraFET Power MOSFETs | 1 2 3 4 5 More | Fairchild Semiconductor |
| HUFA75344G3 | 75A 55V 0.008 Ohm N-Channel UltraFET Power MOSFETs | 1 2 3 4 5 More | Fairchild Semiconductor |
| HUF75344G3 | 75A 55V 0.008 Ohm N-Channel UltraFET Power MOSFETs | 1 2 3 4 5 More | Intersil Corporation |
| HUF75321D3 | 20A 55V 0.036 Ohm N-Channel UltraFET Power MOSFETs | 1 2 3 4 5 More | Intersil Corporation |
| HUFA75321D3 | 20A 55V 0.036 Ohm N-Channel UltraFET Power MOSFETs | 1 2 3 4 5 More | Fairchild Semiconductor |
| HUF75307P3 | 15A 55V 0.090 Ohm N-Channel UltraFET Power MOSFETs | 1 2 3 4 5 More | Fairchild Semiconductor |
| HUFA75321P3 | 35A 55V 0.034 Ohm N-Channel UltraFET Power MOSFETs | 1 2 3 4 5 More | Fairchild Semiconductor |
| HUF75329D3 | 20A 55V 0.026 Ohm N-Channel UltraFET Power MOSFETs | 1 2 3 4 5 More | Intersil Corporation |
Datasheet Page |
1 2 3 4 5 6 7 8 9 |
Link URL |
|
|