Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H11D13SD Datasheet (PDF) - Fairchild Semiconductor

H11D13SD Datasheet PDF - Fairchild Semiconductor
Part # H11D13SD
Download  H11D13SD Download

File Size   382.03 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description HIGH VOLTAGE PHOTOTRANSISTOR OPTOCOUPLERS

H11D13SD Datasheet (PDF)

Go To PDF Page Download Datasheet
H11D13SD Datasheet PDF - Fairchild Semiconductor

Part # H11D13SD
Download  H11D13SD Click to download

File Size   382.03 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description HIGH VOLTAGE PHOTOTRANSISTOR OPTOCOUPLERS

H11D13SD Datasheet (HTML) - Fairchild Semiconductor

H11D13SD Datasheet HTML 1Page - Fairchild Semiconductor H11D13SD Datasheet HTML 2Page - Fairchild Semiconductor H11D13SD Datasheet HTML 3Page - Fairchild Semiconductor H11D13SD Datasheet HTML 4Page - Fairchild Semiconductor H11D13SD Datasheet HTML 5Page - Fairchild Semiconductor H11D13SD Datasheet HTML 6Page - Fairchild Semiconductor H11D13SD Datasheet HTML 7Page - Fairchild Semiconductor H11D13SD Datasheet HTML 8Page - Fairchild Semiconductor

H11D13SD Product details

DESCRIPTION

The H11DX and 4N38 are phototransistor-type optically coupled optoisolators. An infrared emitting diode manufactured from specially grown gallium arsenide is selectively coupled with a high voltage NPN silicon phototransistor. The device is supplied in a standard plastic six-pin dual-in-line package.



FEATURES

• High Voltage

   - H11D1, H11D2, BVCER = 300 V

   - H11D3, H11D4, BVCER = 200 V

• High isolation voltage

   - 5300 VAC RMS - 1 minute

   - 7500 VAC PEAK - 1 minute

• Underwriters Laboratory (UL) recognized File# E90700



APPLICATIONS

• Power supply regulators

• Digital logic inputs

• Microprocessor inputs

• Appliance sensor systems

• Industrial controls



 




Similar Part No. - H11D13SD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
H11D1 MOTOROLA-H11D1 Datasheet
282Kb / 6P
   6-Pin DIP Optoisolators High Voltage Transistor Output(300 Volts)
logo
Vishay Siliconix
H11D1 VISHAY-H11D1 Datasheet
120Kb / 8P
   Optocoupler, Phototransistor Output, With Base Connection, High BVCER Voltage
Rev. 1.5, 19-Nov-07
logo
ISOCOM COMPONENTS
H11D1 ISOCOM-H11D1 Datasheet
78Kb / 3P
   HIGH VOLTAGE OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
Lite-On Technology Corp...
H11D1 LITEON-H11D1 Datasheet
196Kb / 9P
   Property of Lite-On Only
logo
Vishay Siliconix
H11D1 VISHAY-H11D1 Datasheet
196Kb / 10P
   Optocoupler, Phototransistor Output, With Base Connection, High BVCEO Voltage
01-Jan-2022
More results


Similar Description - H11D13SD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
4N38SR2M FAIRCHILD-4N38SR2M Datasheet
249Kb / 9P
   High Voltage Phototransistor Optocouplers
H11D1SR2M FAIRCHILD-H11D1SR2M Datasheet
249Kb / 9P
   High Voltage Phototransistor Optocouplers
H11D1M FAIRCHILD-H11D1M Datasheet
228Kb / 9P
   High Voltage Phototransistor Optocouplers
H11D1SM FAIRCHILD-H11D1SM Datasheet
249Kb / 9P
   High Voltage Phototransistor Optocouplers
H11D1SR2VM FAIRCHILD-H11D1SR2VM Datasheet
249Kb / 9P
   High Voltage Phototransistor Optocouplers
logo
ON Semiconductor
4N38M ONSEMI-4N38M Datasheet
339Kb / 10P
   6-Pin DIP High Voltage Phototransistor Optocouplers
February, 2022 - Rev. 0
logo
Fairchild Semiconductor
CNY17-1 FAIRCHILD-CNY17-1 Datasheet
575Kb / 14P
   Phototransistor Optocouplers
H11AG1SD FAIRCHILD-H11AG1SD Datasheet
146Kb / 8P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1-M FAIRCHILD-H11AV1-M Datasheet
530Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1 FAIRCHILD-H11AV1 Datasheet
534Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com