Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSSR-7110 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HSSR-7110 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HSSR-7110
Download  HSSR-7110 Download

File Size   143.04 Kbytes
Page   11 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 90 V/1.0 , Hermetically Sealed, Power MOSFET Optocoupler QML-38534

HSSR-7110 Datasheet (PDF)

Go To PDF Page Download Datasheet
HSSR-7110 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HSSR-7110
Download  HSSR-7110 Click to download

File Size   143.04 Kbytes
Page   11 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 90 V/1.0 , Hermetically Sealed, Power MOSFET Optocoupler QML-38534

HSSR-7110 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED

Back Button HSSR-7110 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSSR-7110 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSSR-7110 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSSR-7110 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSSR-7110 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSSR-7110 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSSR-7110 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSSR-7110 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSSR-7110 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HSSR-7110 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button 

HSSR-7110 Product details

Description

The HSSR-7110, HSSR-7111, HSSR-7112, HSSR-711E and SMD 5962-93140 are single channel power MOSFET opto couplers, constructed in eight-pin, hermetic, dual-in-line, ceramic packages. The devices operate exactly like a solid state relay.

The products are capable of operation and storage over the full military temperature range and may be pur chased as a standard product (HSSR-7110), with full MIL PRF-38534 Class H testing (HSSR-7111 and HSSR- 7112), with MIL-PRF-38534 Class E testing (Class K with excep tions) (HSSR-711E) or from the DLA Standard Microcircuit Drawing (SMD) 5962-93140. Details of the Class E program may be found on page 11 of this datasheet.



Features

 Dual Marked with Device Part Number and DLA Standard Microcircuit Drawing

 ac/dc Signal &Power Switching

 Compact Solid-State Bidirectional Switch

 Manufactured and Tested on a MIL-PRF-38534Certified Line

 QML-38534

 MIL-PRF-38534 Class H

 Modified Space Level Processing Available (Class E)

 Hermetically Sealed 8-Pin Dual In-Line Package

 Small Size and Weight

 Performance Guaranteed over -55°C to 125°C

 Connection A0.8 A, 1.0 Ω

 Connection B1.6 A, 0.25 Ω

 1500 Vdc Withstand Test Voltage

 High Transient Immunity

 5 Amp Output Surge Current



Applications

 Military and Space

 High Reliability Systems

 Standard 28 Vdc and 48 Vdc Load Driver

 Standard 24 Vac Load Driver

 Aircraft Controls

 ac/dc Electromechanical and Solid State Relay Replacement

 I/O Modules

 Harsh Industrial Environments




Similar Part No. - HSSR-7110

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSSR-7110 HP-HSSR-7110 Datasheet
209Kb / 12P
   90 V/1.0 W, Hermetically Sealed, Power MOSFET Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HSSR-7110 AVAGO-HSSR-7110 Datasheet
143Kb / 11P
   90 V/1.0 Ohm, Hermetically Sealed, Power MOSFET Optocoupler
HSSR-7110 AVAGO-HSSR-7110 Datasheet
143Kb / 11P
   90 V/1.0, Hermetically Sealed, Power MOSFET Optocoupler
logo
Broadcom Corporation.
HSSR-7110 BOARDCOM-HSSR-7110 Datasheet
935Kb / 13P
   90V/1.0廓, Hermetically Sealed, Power MOSFET Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HSSR-7110-300 AVAGO-HSSR-7110-300 Datasheet
143Kb / 11P
   90 V/1.0, Hermetically Sealed, Power MOSFET Optocoupler
More results


Similar Description - HSSR-7110

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSSR-7110-300 AVAGO-HSSR-7110-300 Datasheet
143Kb / 11P
   90 V/1.0, Hermetically Sealed, Power MOSFET Optocoupler
logo
Agilent(Hewlett-Packard...
HSSR711X HP-HSSR711X Datasheet
209Kb / 12P
   90 V/1.0 W, Hermetically Sealed, Power MOSFET Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
5962-9314002HPA AVAGO-5962-9314002HPA Datasheet
143Kb / 11P
   90 V/1.0 Ohm, Hermetically Sealed, Power MOSFET Optocoupler
logo
Broadcom Corporation.
HSSR-7110 BOARDCOM-HSSR-7110 Datasheet
935Kb / 13P
   90V/1.0廓, Hermetically Sealed, Power MOSFET Optocoupler
logo
Micropac Industries
53259 MICROPAC-53259 Datasheet
130Kb / 6P
   POWER MOSFET OPTOCOUPLER 400V / 50ohm HERMETICALLY SEALED
66024 MICROPAC-66024 Datasheet
94Kb / 3P
   4N55 DUAL CHANNEL, HERMETICALLY SEALED OPTOCOUPLER
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-1930 AVAGO-HCPL-1930_12 Datasheet
742Kb / 12P
   Dual Channel Line Receiver Hermetically Sealed Optocoupler
logo
Micropac Industries
66179 MICROPAC-66179 Datasheet
49Kb / 2P
   GULL WING HERMETICALLY SEALED, SINGLE CHANNEL OPTOCOUPLER
logo
Broadcom Corporation.
HCPL-1930 BOARDCOM-HCPL-1930 Datasheet
1Mb / 13P
   Dual-Channel Line Receiver Hermetically Sealed Optocoupler
logo
Micropac Industries
66186 MICROPAC-66186 Datasheet
79Kb / 2P
   TWO CHANNEL, HERMETICALLY SEALED OPTOCOUPLER PHOTOTRANSISTOR OUTPUT
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com