Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVX3245MTCX Datasheet (PDF) - Fairchild Semiconductor

74LVX3245MTCX Datasheet PDF - Fairchild Semiconductor
Part # 74LVX3245MTCX
Download  74LVX3245MTCX Download

File Size   1077.62 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs

74LVX3245MTCX Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVX3245MTCX Datasheet PDF - Fairchild Semiconductor

Part # 74LVX3245MTCX
Download  74LVX3245MTCX Click to download

File Size   1077.62 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs

74LVX3245MTCX Datasheet (HTML) - Fairchild Semiconductor

74LVX3245MTCX Datasheet HTML 1Page - Fairchild Semiconductor 74LVX3245MTCX Datasheet HTML 2Page - Fairchild Semiconductor 74LVX3245MTCX Datasheet HTML 3Page - Fairchild Semiconductor 74LVX3245MTCX Datasheet HTML 4Page - Fairchild Semiconductor 74LVX3245MTCX Datasheet HTML 5Page - Fairchild Semiconductor 74LVX3245MTCX Datasheet HTML 6Page - Fairchild Semiconductor 74LVX3245MTCX Datasheet HTML 7Page - Fairchild Semiconductor 74LVX3245MTCX Datasheet HTML 8Page - Fairchild Semiconductor 74LVX3245MTCX Datasheet HTML 9Page - Fairchild Semiconductor

74LVX3245MTCX Product details

General Description
The LVX3245 is a dual-supply, 8-bit translating transceiver that is designed to interface between a 3V bus and a 5V bus in a mixed 3V/5V supply environment. The Transmit/Receive (T/R) input determines the direction of data flow. Transmit (active-HIGH) enables data from A Ports to B Ports; Receive (active-LOW) enables data from B Ports to A Ports. The Output Enable input, when HIGH, disables both A and B Ports by placing them in a high impedance condition. The A Port interfaces with the 3V bus; the B Port interfaces with the 5V bus.
The LVX3245 is suitable for mixed voltage applications such as notebook computers using 3.3V CPU and 5V peripheral components.

Features
■ Bidirectional interface between 3V and 5V buses
■ Inputs compatible with TTL level
■ 3V data flow at A Port and 5V data flow at B Port
■ Outputs source/sink 24 mA
■ Guaranteed simultaneous switching noise level and dynamic threshold performance
■ Implements proprietary EMI reduction circuitry
■ Functionally compatible with the 74 series 245




Similar Part No. - 74LVX3245MTCX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LVX3245MTCX ONSEMI-74LVX3245MTCX Datasheet
389Kb / 12P
   8-Bit, Dual-Supply Translating Transceiver
April 2016 Rev. 1.6
More results


Similar Description - 74LVX3245MTCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVX3245 FAIRCHILD-74LVX3245 Datasheet
64Kb / 7P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX4245 FAIRCHILD-74LVX4245 Datasheet
86Kb / 8P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245WMX FAIRCHILD-74LVX3245WMX Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245 FAIRCHILD-74LVX3245_10 Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
logo
National Semiconductor ...
54LVX4245 NSC-54LVX4245 Datasheet
118Kb / 8P
   8-Bit Dual Supply Translating Transceiver with TRI-STATE Outputs
74LVX4245 NSC-74LVX4245 Datasheet
142Kb / 8P
   8-Bit Dual Supply Translating Transceiver with TRI-STATE Outputs
54LVX3245 NSC-54LVX3245 Datasheet
114Kb / 8P
   8-Bit Dual Supply Translating Transceiver with TRI-STATE Outputs
54LVX4245_993 NSC-54LVX4245_993 Datasheet
120Kb / 8P
   8-Bit Dual Supply Translating Transceiver with TRI-STATE Outputs
logo
Nexperia B.V. All right...
74LVC8T245-Q100 NEXPERIA-74LVC8T245-Q100 Datasheet
808Kb / 28P
   8-bit dual supply translating transceiver; 3-state
74LVC8T245 NEXPERIA-74LVC8T245 Datasheet
831Kb / 28P
   8-bit dual supply translating transceiver; 3-state
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com