|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
GMA4Y881C - 1.88 INCH (47.7mm) 8 X 8 DOT MATRIX STICK DISPLAY - Fairchild Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| GMA4Y881C | 1.88 INCH 47.7mm 8X8 DOT MATRIX STICK DISPLAY | 1 2 3 4 | QT Optoelectronics |
| GMA26481C | 2.3 INCH 58.4 mm 4X8 DOT MATRIX STICK DISPLAY | 1 2 3 4 5 | QT Optoelectronics |
| GMA2275C | 2.0 INCH 50.8 mm 5 X 7 DOT MATRIX STICK DISPLAY | 1 2 3 4 5 | Fairchild Semiconductor |
| GMA26881C | 2.3 INCH 58.4mm 8X8 DOT MATRIX STICK DISPLAY | 1 2 3 4 5 | QT Optoelectronics |
| GMA2285C | 2.3 INCH 58.4 mm 5 X 8 DOT MATRIX STICK DISPLAY | 1 2 3 4 5 | Fairchild Semiconductor |
| GMA3688C | 1.5 INCH 37.9mm 8X8 DOT MATRIX STICK DISPLAY | 1 2 3 4 5 | QT Optoelectronics |
| GMA2288C | 2.3 INCH 58.S mm 8 X 8 DOT MATRIX STICK DISPLAY | 1 2 3 4 5 More | Fairchild Semiconductor |
| GMA46881C | 1.85 INCH 47.0mm 8X8 DOT MATRIX STICK DISPLAY | 1 2 3 4 5 | QT Optoelectronics |
| GMA26841C | 2.3 INCH 58.4 mm 4 X 8 DOT MATRIX STICK DISPLAY | 1 2 3 4 5 More | Fairchild Semiconductor |
| GMA26881C | 2.3 INCH 58.4 mm 8 X 8 DOT MATRIX STICK DISPLAY | 1 2 3 4 5 More | Fairchild Semiconductor |
Datasheet Page |
1 2 3 4 5 |
Link URL |
|
|