Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSTUD16450GX Datasheet (PDF) - Fairchild Semiconductor

FSTUD16450GX Datasheet PDF - Fairchild Semiconductor
Part # FSTUD16450GX
Download  FSTUD16450GX Download

File Size   416.27 Kbytes
Page   11 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting

FSTUD16450GX Datasheet (PDF)

Go To PDF Page Download Datasheet
FSTUD16450GX Datasheet PDF - Fairchild Semiconductor

Part # FSTUD16450GX
Download  FSTUD16450GX Click to download

File Size   416.27 Kbytes
Page   11 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting

FSTUD16450GX Datasheet (HTML) - Fairchild Semiconductor

Back Button FSTUD16450GX Datasheet HTML 1Page - Fairchild Semiconductor FSTUD16450GX Datasheet HTML 2Page - Fairchild Semiconductor FSTUD16450GX Datasheet HTML 3Page - Fairchild Semiconductor FSTUD16450GX Datasheet HTML 4Page - Fairchild Semiconductor FSTUD16450GX Datasheet HTML 5Page - Fairchild Semiconductor FSTUD16450GX Datasheet HTML 6Page - Fairchild Semiconductor FSTUD16450GX Datasheet HTML 7Page - Fairchild Semiconductor FSTUD16450GX Datasheet HTML 8Page - Fairchild Semiconductor FSTUD16450GX Datasheet HTML 9Page - Fairchild Semiconductor FSTUD16450GX Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

FSTUD16450GX Product details

General Description
The Fairchild Universal Bus Switch FSTUD16450 provides 4-bit, 5-bit, 8-bit, 10-bit, 16-bit, 20-bit of high-speed CMOS TTL-compatible bus switching. The low On Resistance of the switch allows inputs to be connected to outputs without adding propagation delay or generating additional ground bounce noise.

Features
■ Undershoot hardened to −2V (A and B Ports)
■ Voltage level shifting
■ 4Ω switch connection between two ports
■ Minimal propagation delay through the switch
■ Low lCC
■ Zero bounce in flow-through mode
■ Control inputs compatible with TTL level
■ See Applications Note AN-5008 for details
■ Also packaged in plastic Fine-Pitch Ball Grid Array (FBGA) (Preliminary)




Similar Part No. - FSTUD16450GX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSTUD16450GX FAIRCHILD-FSTUD16450GX Datasheet
425Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
More results


Similar Description - FSTUD16450GX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSTUD16450 FAIRCHILD-FSTUD16450_06 Datasheet
425Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD32450 FAIRCHILD-FSTUD32450 Datasheet
495Kb / 13P
   Configurable 4-Bit to 40-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD32450 FAIRCHILD-FSTUD32450_06 Datasheet
494Kb / 13P
   Configurable 4-Bit to 40-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD162450 FAIRCHILD-FSTUD162450 Datasheet
561Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting and 25??Series Resistors in Outputs
FSTUD16211 FAIRCHILD-FSTUD16211 Datasheet
300Kb / 8P
   24-Bit Bus Switch with -2V Undershoot Protection and Level Shifting
FSTD16450 FAIRCHILD-FSTD16450 Datasheet
410Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with Selectable Level Shifting
FSTUD32211 FAIRCHILD-FSTUD32211 Datasheet
246Kb / 8P
   40/48-Bit Bus Switch with -2V Undershoot Protection and Level Shifting (Preliminary)
FSTU16861 FAIRCHILD-FSTU16861 Datasheet
157Kb / 6P
   20-Bit Bus Switch with -2V Undershoot Protection
FSTU16862 FAIRCHILD-FSTU16862_06 Datasheet
248Kb / 7P
   20-Bit Bus Switch with -2V Undershoot Protection
FSTU16862 FAIRCHILD-FSTU16862 Datasheet
240Kb / 7P
   20-Bit Bus Switch with -2V Undershoot Protection
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com