Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A3P250-FG256 Datasheet (PDF) - Microsemi Corporation

A3P250-FG256 Datasheet PDF - Microsemi Corporation
Part # A3P250-FG256
Download  A3P250-FG256 Download

File Size   10669.38 Kbytes
Page   220 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 130-nm, 7-Layer Metal (6 Copper), Flash-Based CMOS Process

A3P250-FG256 Datasheet (PDF)

Go To PDF Page Download Datasheet
A3P250-FG256 Datasheet PDF - Microsemi Corporation

Part # A3P250-FG256
Download  A3P250-FG256 Click to download

File Size   10669.38 Kbytes
Page   220 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 130-nm, 7-Layer Metal (6 Copper), Flash-Based CMOS Process

A3P250-FG256 Datasheet (HTML) - Microsemi Corporation

Back Button A3P250-FG256 Datasheet HTML 1Page - Microsemi Corporation A3P250-FG256 Datasheet HTML 2Page - Microsemi Corporation A3P250-FG256 Datasheet HTML 3Page - Microsemi Corporation A3P250-FG256 Datasheet HTML 4Page - Microsemi Corporation A3P250-FG256 Datasheet HTML 5Page - Microsemi Corporation A3P250-FG256 Datasheet HTML 6Page - Microsemi Corporation A3P250-FG256 Datasheet HTML 7Page - Microsemi Corporation A3P250-FG256 Datasheet HTML 8Page - Microsemi Corporation A3P250-FG256 Datasheet HTML 9Page - Microsemi Corporation A3P250-FG256 Datasheet HTML 10Page - Microsemi Corporation Next Button 

A3P250-FG256 Product details

Features and Benefits
High Capacity
   • 15 k to 1 M System Gates
   • Up to 144 kbits of True Dual-Port SRAM
   • Up to 300 User I/Os
Reprogrammable Flash Technology
   • 130-nm, 7-Layer Metal (6 Copper), Flash-Based CMOS Process
   • Instant On Level 0 Support
   • Single-Chip Solution
   • Retains Programmed Design when Powered Off
High Performance
   • 350 MHz System Performance
   • 3.3 V, 66 MHz 64-Bit PCI†
In-System Programming (ISP) and Security
   • ISP Using On-Chip 128-Bit Advanced Encryption Standard (AES) Decryption (except ARM®-enabled ProASIC®3 devices) via JTAG (IEEE 1532–compliant)†
   • FlashLock® to Secure FPGA Contents
Low Power
   • Core Voltage for Low Power
   • Support for 1.5 V-Only Systems
   • Low-Impedance Flash Switches
High-Performance Routing Hierarchy
   • Segmented, Hierarchical Routing and Clock Structure
Advanced I/O
   • 700 Mbps DDR, LVDS-Capable I/Os (A3P250 and above)
   • 1.5 V, 1.8 V, 2.5 V, and 3.3 V Mixed-Voltage Operation
   • Wide Range Power Supply Voltage Support per JESD8-B, Allowing I/Os to Operate from 2.7 V to 3.6 V
   • Bank-Selectable I/O Voltages—up to 4 Banks per Chip
   • Single-Ended I/O Standards: LVTTL, LVCMOS 3.3 V / 2.5 V / 1.8 V / 1.5 V, 3.3 V PCI / 3.3 V PCI-X† and LVCMOS 2.5 V / 5.0 V Input
   • Differential I/O Standards: LVPECL, LVDS, B-LVDS, and M-LVDS (A3P250 and above)
   • I/O Registers on Input, Output, and Enable Paths
   • Hot-Swappable and Cold Sparing I/Os‡
   • Programmable Output Slew Rate† and Drive Strength
   • Weak Pull-Up/-Down
   • IEEE 1149.1 (JTAG) Boundary Scan Test
   • Pin-Compatible Packages across the ProASIC3 Family
Clock Conditioning Circuit (CCC) and PLL†
   • Six CCC Blocks, One with an Integrated PLL
   • Configurable Phase-Shift, Multiply/Divide, Delay Capabilities and External Feedback
   • Wide Input Frequency Range (1.5 MHz to 350 MHz)
Embedded Memory†
   • 1 kbit of FlashROM User Nonvolatile Memory
   • SRAMs and FIFOs with Variable-Aspect-Ratio 4,608-Bit RAM Blocks (×1, ×2, ×4, ×9, and ×18 organizations)†
   • True Dual-Port SRAM (except ×18)
ARM Processor Support in ProASIC3 FPGAs
   • M1 ProASIC3 Devices—ARM®Cortex™-M1 Soft Processor Available with or without Debug




Similar Part No. - A3P250-FG256

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A3P250-FG100 MICROSEMI-A3P250-FG100 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P250-FG100ES MICROSEMI-A3P250-FG100ES Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P250-FG100I MICROSEMI-A3P250-FG100I Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P250-FG100PP MICROSEMI-A3P250-FG100PP Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P250-FG100Y MICROSEMI-A3P250-FG100Y Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
More results


Similar Description - A3P250-FG256

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC1F628 MICROCHIP-PIC1F628 Datasheet
4Mb / 170P
   FLASH-Based 8-Bit CMOS Microcontroller
2003
PIC16F62X MICROCHIP-PIC16F62X Datasheet
1Mb / 160P
   FLASH-Based 8-Bit CMOS Microcontrollers
1999
PIC16F628-20P MICROCHIP-PIC16F628-20P Datasheet
4Mb / 170P
   FLASH-Based 8-Bit CMOS Microcontroller
12/05/02
PIC16F627A MICROCHIP-PIC16F627A Datasheet
3Mb / 168P
   FLASH-Based 8-Bit CMOS Microcontrollers
2002
logo
Xilinx, Inc
DS123 XILINX-DS123 Datasheet
1,021Kb / 35P
   Low-Power Advanced CMOS NOR Flash Process
XCF01SX XILINX-XCF01SX Datasheet
578Kb / 46P
   Low-Power Advanced CMOS NOR FLASH Process
logo
Microchip Technology
PIC16F5X MICROCHIP-PIC16F5X_07 Datasheet
1Mb / 88P
   Flash-Based, 8-Bit CMOS Microcontroller Series
2007
PIC16F5X MICROCHIP-PIC16F5X Datasheet
1Mb / 90P
   Flash-Based, 8-Bit CMOS Microcontroller Series
2004
PIC16F57-I-P MICROCHIP-PIC16F57-I-P Datasheet
1Mb / 88P
   Flash-Based, 8-Bit CMOS Microcontroller Series
12/08/06
PIC12F609 MICROCHIP-PIC12F609 Datasheet
2Mb / 168P
   8-Pin Flash-Based, 8-Bit CMOS Microcontrollers
2006
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com