|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
FQPF27P06 - 60V P-Channel MOSFET - Fairchild Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| FDFS2P106A | Integrated 60V P-Channel PowerTrenchí MOSFET and Schottky Diode | 1 2 3 4 5 More | Fairchild Semiconductor |
| FQAF47P06 | 60V P-Channel MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| FQP17P06 | 60V P-Channel MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| FQPF17P06 | 60V P-Channel MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| STB16PF06L | P-CHANNEL 60V - 0.11ohm - 16A D2PAK STripFET MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| FDN5618P | 60V P-Channel Logic Level PowerTrench MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| FQB7P06 | 60V P-Channel MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| ZXMP6A17G | 60V P-CHANNEL ENHANCEMENT MODE MOSFET | 1 2 3 4 5 More | Zetex Semiconductors |
| ZXMP6A13G | 60V P-CHANNEL ENHANCEMENT MODE MOSFET | 1 2 3 4 5 More | Zetex Semiconductors |
| FQB11P06 | 60V P-Channel MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
Datasheet Page |
1 2 3 4 5 6 7 8 |
Link URL |
|
|