Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-CM15-S0000 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HLMP-CM15-S0000 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HLMP-CM15-S0000
Download  HLMP-CM15-S0000 Download

File Size   367.77 Kbytes
Page   11 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps

HLMP-CM15-S0000 Datasheet (PDF)

Go To PDF Page Download Datasheet
HLMP-CM15-S0000 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-CM15-S0000
Download  HLMP-CM15-S0000 Click to download

File Size   367.77 Kbytes
Page   11 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps

HLMP-CM15-S0000 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-CM15-S0000 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM15-S0000 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM15-S0000 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM15-S0000 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM15-S0000 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM15-S0000 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM15-S0000 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM15-S0000 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM15-S0000 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM15-S0000 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button 

HLMP-CM15-S0000 Product details

Description

These high intensity blue, green and cyan LEDs are based on InGaN material technology. InGaN is the most efficient and cost effective material for LEDs in the blue and green region of the spectrum. The 472 nm typical dominant wavelength for blue and 526 nm typical dominant wave length for green are well suited to color mixing in full color signs. The 505 nm typical dominant wavelength matches international specifications for green traffic signals. These LED lamps are untinted, nondiffused, T-13/4 packages incorporating second generation optics which produce well defined spatial radiation patterns at specific viewing cone angles. These lamps are made with an advanced optical grade epoxy, offering superior high temperature and high moisture resistance performance in outdoor signal and sign applications.



Features

• Well defined spatial radiation pattern

• Viewing angles: 15° , 23º and 30°

• High luminous output

• Colors: 472 nm Blue, 526 nm Green, 505 nm Cyan

• Superior resistance to moisture

• UV resistant epoxy



Applications

• Commercial outdoor signs

• Automotive interior lights

• Front panel indicators

• Front panel backlighting



Benefits

• Superior performance in outdoor environments

• Wavelengths suitable for color mixing in full color (RGB) signs



 




Similar Part No. - HLMP-CM15-S0000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CM15-S0000 AVAGO-HLMP-CM15-S0000 Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
More results


Similar Description - HLMP-CM15-S0000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CB15-P0000 AVAGO-HLMP-CB15-P0000 Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
352Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CM30-M0000 AVAGO-HLMP-CM30-M0000 Datasheet
306Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CB11 AVAGO-HLMP-CB11_08 Datasheet
237Kb / 11P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
logo
Agilent(Hewlett-Packard...
HLMPDL24 HP-HLMPDL24 Datasheet
179Kb / 12P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL55 AVAGO-HLMP-EL55 Datasheet
240Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EJ30-RU0DD AVAGO-HLMP-EJ30-RU0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EG10-WZ000 AVAGO-HLMP-EG10-WZ000 Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-CB15 HP-HLMP-CB15 Datasheet
213Kb / 4P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Blue and Green LEDs
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com