Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VI-26B-CU Datasheet (PDF) - Vicor Corporation

VI-26B-CU Datasheet PDF - Vicor Corporation
Part # VI-26B-CU
Download  VI-26B-CU Download

File Size   203.48 Kbytes
Page   5 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description DC-DC Converters 50 to 200 Watts

VI-26B-CU Datasheet (PDF)

Go To PDF Page Download Datasheet
VI-26B-CU Datasheet PDF - Vicor Corporation

Part # VI-26B-CU
Download  VI-26B-CU Click to download

File Size   203.48 Kbytes
Page   5 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description DC-DC Converters 50 to 200 Watts

VI-26B-CU Datasheet (HTML) - Vicor Corporation

VI-26B-CU Datasheet HTML 1Page - Vicor Corporation VI-26B-CU Datasheet HTML 2Page - Vicor Corporation VI-26B-CU Datasheet HTML 3Page - Vicor Corporation VI-26B-CU Datasheet HTML 4Page - Vicor Corporation VI-26B-CU Datasheet HTML 5Page - Vicor Corporation

VI-26B-CU Product details

Product Highlights
The VI-200 family, with over 14 million units shipped, is Vicor’s broad series of “zero-current-switching” component-level DC-DC converters.
Operating at frequencies up to 2 MHz, VI-200 family converters offer exceptional power density, efficiency, noise performance, reliability and ease of use. Booster modules (VI-Bxx) provide a simple, cost-effective, off-the-shelf solution for higher power output requirements. One or more boosters may be used to create synchronous arrays capable of supplying several kilowatts of output power.
The flexibility of Vicor’s power components is also available in half-size, half-power VI-J00 MiniMods.

Features
• RoHS compliant (VE-200)
• Up to 50 W/in3
• cULus, cTÜVus
• Up to 90% efficiency
• Size: 4.6" x 2.4" x 0.5" (116,8 x 61,0 x 12,7mm)
• Remote sense and current limit
• OVP, thermal shutdown
• Logic disable
• Wide range output adjust
• Compatible power booster modules
• ZCS power architecture
• Low noise FM control
• CE Marked
• Isolated output




Similar Part No. - VI-26B-CU

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI-26BCU VICOR-VI-26BCU Datasheet
37Kb / 2P
   DC-DC Converters 50 to 200 Watts
VI-26BCV VICOR-VI-26BCV Datasheet
37Kb / 2P
   DC-DC Converters 50 to 200 Watts
VI-26BCW VICOR-VI-26BCW Datasheet
37Kb / 2P
   DC-DC Converters 50 to 200 Watts
VI-26BCX VICOR-VI-26BCX Datasheet
37Kb / 2P
   DC-DC Converters 50 to 200 Watts
VI-26BCY VICOR-VI-26BCY Datasheet
37Kb / 2P
   DC-DC Converters 50 to 200 Watts
More results


Similar Description - VI-26B-CU

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI-200 VICOR-VI-200_1 Datasheet
762Kb / 5P
   DC-DC Converters 50 to 200 Watts
VI-200 VICOR-VI-200 Datasheet
37Kb / 2P
   DC-DC Converters 50 to 200 Watts
logo
TDK Electronics
PH-A280 TDK-PH-A280 Datasheet
132Kb / 2P
   50-150W, 200 to 425VDC Input DC-DC Converters
logo
Vicor Corporation
VI-J00 VICOR-VI-J00 Datasheet
33Kb / 2P
   DC-DC Converters 25 to 100 Watts
logo
List of Unclassifed Man...
UM3500 ETC1-UM3500 Datasheet
96Kb / 2P
   40 Watts DC-DC Converters
JTA15 ETC1-JTA15 Datasheet
386Kb / 2P
   15 Watts DC/DC Converters
logo
Wall Industries,Inc.
DMW WALL-DMW Datasheet
161Kb / 6P
   15.3 Watts DC/DC Converters
DCBOB3 WALL-DCBOB3 Datasheet
391Kb / 4P
   Up to 3 Watts, DC/DC Power Converters
DCBOB5 WALL-DCBOB5_16 Datasheet
383Kb / 4P
   Up to 6 Watts, DC/DC Power Converters
DCBUB12 WALL-DCBUB12 Datasheet
685Kb / 4P
   Up to 12 Watts DC/DC Power Converters
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com