Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

647000-2 Datasheet (PDF) - Tyco Electronics

647000-2 Datasheet PDF - Tyco Electronics
Part # 647000-2
Download  647000-2 Download

File Size   275.66 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description MTA-100 POSTED CONNECTOR ASSEMBLY, CLOSED END, 22 AWG, TIN

647000-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
647000-2 Datasheet PDF - Tyco Electronics

Part # 647000-2
Download  647000-2 Click to download

File Size   275.66 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description MTA-100 POSTED CONNECTOR ASSEMBLY, CLOSED END, 22 AWG, TIN

647000-2 Datasheet (HTML) - Tyco Electronics

647000-2 Datasheet HTML 1Page - Tyco Electronics 647000-2 Datasheet HTML 2Page - Tyco Electronics



Similar Part No. - 647000-2

ManufacturerPart #DatasheetDescription
logo
Littelfuse
64700001003 LITTELFUSE-64700001003 Datasheet
543Kb / 1P
   647 Series Molded Fuse Block and 640 Series Adapter for 5횞20 mm Fuses
Revised: 05/31/21
More results


Similar Description - 647000-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
647016 MACOM-647016 Datasheet
262Kb / 2P
   MTA-100 POSTED CONNECTOR ASSEMBLY, CLOSED END, 22 AWG
647003 MACOM-647003 Datasheet
270Kb / 2P
   MTA-100 POSTED CONNECTOR ASSEMBLY, CLOSED END, 28 AWG
647001 MACOM-647001 Datasheet
268Kb / 2P
   MTA-100 POSTED CONNECTOR ASSEMBLY, CLOSED END, 24 AWG
647002 MACOM-647002 Datasheet
270Kb / 2P
   MTA-100 POSTED CONNECTOR ASSEMBLY, CLOSED END, 26 AWG
647010 MACOM-647010 Datasheet
263Kb / 2P
   MTA-100 POSTED CONNECTOR ASSEMBLY, CLOSED END, 26 AWG
644814 MACOM-644814 Datasheet
129Kb / 1P
   MTA-156 POSTED CONNECTOR ASSEMBLY, 22 AWG
644807 MACOM-644807 Datasheet
128Kb / 1P
   MTA-156 POSTED CONNECTOR ASSEMBLY, 18 AWG
3-643813-2 MACOM-3-643813-2 Datasheet
155Kb / 1P
   MTA 100 CONNECTOR ASSEMBLY, 22 AWG, STANDARD
3-644038-5 MACOM-3-644038-5 Datasheet
131Kb / 1P
   MTA-100 CONNECTOR ASSEMBLY, 22 AWG, STANDARD
4-644540-1 MACOM-4-644540-1 Datasheet
114Kb / 1P
   MTA 100 CONNECTOR ASSEMBLY, 22 AWG, STANDARD
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com