Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C261-25JC Datasheet (PDF) - Cypress Semiconductor

CY7C261-25JC Datasheet PDF - Cypress Semiconductor
Part # CY7C261-25JC
Download  CY7C261-25JC Download

File Size   481.49 Kbytes
Page   16 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 8K x 8 Power-Switched and Reprogrammable PROM

CY7C261-25JC Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C261-25JC Datasheet PDF - Cypress Semiconductor

Part # CY7C261-25JC
Download  CY7C261-25JC Click to download

File Size   481.49 Kbytes
Page   16 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 8K x 8 Power-Switched and Reprogrammable PROM

CY7C261-25JC Datasheet (HTML) - Cypress Semiconductor

Back Button CY7C261-25JC Datasheet HTML 1Page - Cypress Semiconductor CY7C261-25JC Datasheet HTML 2Page - Cypress Semiconductor CY7C261-25JC Datasheet HTML 3Page - Cypress Semiconductor CY7C261-25JC Datasheet HTML 4Page - Cypress Semiconductor CY7C261-25JC Datasheet HTML 5Page - Cypress Semiconductor CY7C261-25JC Datasheet HTML 6Page - Cypress Semiconductor CY7C261-25JC Datasheet HTML 7Page - Cypress Semiconductor CY7C261-25JC Datasheet HTML 8Page - Cypress Semiconductor CY7C261-25JC Datasheet HTML 9Page - Cypress Semiconductor CY7C261-25JC Datasheet HTML 10Page - Cypress Semiconductor Next Button 

CY7C261-25JC Product details

Functional Description

The CY7C261, CY7C263, and CY7C264 are high-performance 8192-word by 8-bit CMOS PROMs. When deselected, the 7C261 automatically powers down into a low-power stand by mode. It is packaged in a 300-mil-wide package. The 7C263 and 7C264 are packaged in 300-mil-wide and 600-mil-wide packages respectively, and do not power down when deselected. The reprogrammable packages are equipped with an erasure window; when exposed to UV light, these PROMs are erased and can then be reprogrammed. The memory cells utilize proven EPROM floating-gate technology and byte-wide in telligent programming algorithms.

The CY7C261, CY7C263, and CY7C264 are plug-in replacements for bipolar devices and offer the advantages of lower power, superior performance and programming yield. The EPROM cell requires only 12.5V for the supervoltage and low current requirements allow for gang programming. The EPROM cells allow for each memory location to be tested 100%, as each location is written into, erased, and repeatedly exercised prior to encapsulation. Each PROM is also tested for AC performance to guarantee that after customer programming the product will meet DC and AC specification limits.



Features

• CMOS for optimum speed/power

• Windowed for reprogrammability

• High speed

   — 20 ns (commercial)

   — 25 ns (military)

• Low power

   — 660 mW (commercial)

   — 770 mW (military)

• Super low standby power (7C261)

   — Less than 220 mW when deselected

   — Fast access: 20 ns

• EPROM technology 100% programmable

• Slim 300-mil or standard 600-mil packaging available

• 5V ± 10% VCC, commercial and military

• Capable of withstanding greater than 2001V static discharge

• TTL-compatible I/O

• Direct replacement for bipolar PROMs



 




Similar Part No. - CY7C261-25JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C261-25JC CYPRESS-CY7C261-25JC Datasheet
248Kb / 14P
   8K x 8 Power-Switched and Reprogrammable PROM
CY7C261-25JC CYPRESS-CY7C261-25JC Datasheet
384Kb / 14P
   8K x 8 Power-Switched and Reprogrammable PROM
More results


Similar Description - CY7C261-25JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C261 CYPRESS-CY7C261 Datasheet
248Kb / 14P
   8K x 8 Power-Switched and Reprogrammable PROM
CY7C261 CYPRESS-CY7C261_06 Datasheet
384Kb / 14P
   8K x 8 Power-Switched and Reprogrammable PROM
logo
Pyramid Semiconductor C...
PY264 PYRAMID-PY264 Datasheet
135Kb / 8P
   8K X 8 REPROGRAMMABLE PROM
logo
Cypress Semiconductor
CY7C271 CYPRESS-CY7C271 Datasheet
237Kb / 11P
   32K x 8 Power Switched and Reprogrammable PROM
CY7C271 CYPRESS-CY7C271_06 Datasheet
380Kb / 13P
   32K x 8 Power Switched and Reprogrammable PROM
CY7C271A CYPRESS-CY7C271A Datasheet
167Kb / 10P
   32K x 8 Power Switched and Reprogrammable PROM
CY7C266 CYPRESS-CY7C266_06 Datasheet
412Kb / 12P
   8Kx8 Power-Switched and Reprogrammable PROM
CY7C266 CYPRESS-CY7C266 Datasheet
261Kb / 11P
   8Kx8 Power-Switched and Reprogrammable PROM
CY7C291A-293A CYPRESS-CY7C291A-293A Datasheet
355Kb / 15P
   2K x 8 Reprogrammable PROM
CY7C291A CYPRESS-CY7C291A Datasheet
275Kb / 12P
   2K x 8 Reprogrammable PROM
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com