Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1-640429-5 Datasheet (PDF) - Tyco Electronics

1-640429-5 Datasheet PDF - Tyco Electronics
Part # 1-640429-5
Download  1-640429-5 Download

File Size   141.65 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description MTA 156 CONNECTOR ASSEMBLY, 24 AWG, STANDARD

1-640429-5 Datasheet (PDF)

Go To PDF Page Download Datasheet
1-640429-5 Datasheet PDF - Tyco Electronics

Part # 1-640429-5
Download  1-640429-5 Click to download

File Size   141.65 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description MTA 156 CONNECTOR ASSEMBLY, 24 AWG, STANDARD

1-640429-5 Datasheet (HTML) - Tyco Electronics

1-640429-5 Datasheet HTML 1Page - Tyco Electronics

1-640429-5 Product details

.156 [3.96] Centerline MTA-156 IDC Connectors and Headers

Product Facts
■ Connectors and headers for 2 through 24 positions; wire sizes of 18, 20, 22, 24 and 26 AWG [0 .9– 0.12 mm2]
■ Connectors and headers, except shrouded headers, are end-to-end stackable
■ Quad Connectors for higher current rating (page 54)
■ Posted connectors for 2,3, 4,6,9,12,15 and 24 positions
■ Card edge connectors for 3,6,9,12,15,18 and 20 through 24 positions
■ Connectors preloaded with IDC contacts
■ All contacts are slotted for insulation displacement (IDC) termination technique
■ Connector styles include both closed end and feed thru, with and without lock ing ramps and polarizing tabs
■ Molded ribs on housing do not allow reverse mating
■ Contacts are lubricated for fretting corrosion protection
■ Benefits derived from the MTA-156 system include increases quality and ease of handling such as —
   ■ One-step assembly
   ■ No wire stripping
   ■ No contact damage
   ■ Reduced wiring errors
   ■ Simpler tooling
   ■ Simple maintenance and repair
■ Meets the material require ments of Table 23.1 of UL 1410 Standards for Television Receiver and Video Products (wire-to post connectors only)
■ Recognized under the Component Program of Underwriters Laboratories Inc., File No. E28476
■ Certified by Canadian Standards Association, File No. LR7189




Similar Part No. - 1-640429-5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-640405-0 MACOM-1-640405-0 Datasheet
65Kb / 1P
   VALVE CONNECTOR, PIN HOUSING, 5 CIRCUIT
1-640430-0 MACOM-1-640430-0 Datasheet
136Kb / 1P
   MTA 156 CONNECTOR ASSEMBLY, 26 AWG, STANDARD
1-640430-1 MACOM-1-640430-1 Datasheet
136Kb / 1P
   MTA 156 CONNECTOR ASSEMBLY, 26 AWG, STANDARD
1-640430-2 MACOM-1-640430-2 Datasheet
136Kb / 1P
   MTA 156 CONNECTOR ASSEMBLY, 26 AWG, STANDARD
1-640430-3 MACOM-1-640430-3 Datasheet
136Kb / 1P
   MTA 156 CONNECTOR ASSEMBLY, 26 AWG, STANDARD
More results


Similar Description - 1-640429-5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
641170 MACOM-641170 Datasheet
129Kb / 1P
   MTA-156 CONNECTOR ASSEMBLY, 22 AWG, STANDARD
641149 MACOM-641149 Datasheet
130Kb / 1P
   MTA-156 CONNECTOR ASSEMBLY, 20 AWG, STANDARD
640432 MACOM-640432 Datasheet
140Kb / 1P
   MTA 156 CONNECTOR ASSEMBLY, 20 AWG, STANDARD
640430 MACOM-640430 Datasheet
136Kb / 1P
   MTA 156 CONNECTOR ASSEMBLY, 26 AWG, STANDARD
3-640426-2 MACOM-3-640426-2 Datasheet
134Kb / 1P
   MTA 156 CONNECTOR ASSEMBLY, 18 AWG, STANDARD
640433 MACOM-640433 Datasheet
129Kb / 1P
   MTA 156 CONNECTOR ASSEMBLY, 22 AWG, STANDARD
640435 MACOM-640435 Datasheet
148Kb / 1P
   MTA-156 CONNECTOR ASSEMBLY, 26 AWG, STANDARD
641199 MACOM-641199 Datasheet
148Kb / 1P
   MTA 100 CONNECTOR ASSEMBLY, 24 AWG, STANDARD
640441 MACOM-640441 Datasheet
140Kb / 1P
   MTA-100 CONNECTOR ASSEMBLY, 24 AWG, STANDARD
644878 MACOM-644878 Datasheet
139Kb / 1P
   MTA-156 CONNECTOR ASSEMBLY 18 AWG, STANDARD, TAPE MOUNTED
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com