|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
FQD2N100 - 1000V N-Channel MOSFET - Fairchild Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| IRFPG40 | 4.3A 1000V 3.500 Ohm N-Channel Power MOSFET | 1 2 3 4 5 More | Intersil Corporation |
| STW13NK100Z | N-CHANNEL 1000V - 0.56 OHM - 13A TO-247 Zener-Protected SuperMESH Power MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| FQA8N100C | 1000V N-Channel MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| IRFMG50 | POWER MOSFET 1000V N-CHANNEL THRU-HOLE TO-254AA | 1 2 3 4 5 More | International Rectifier |
| IRFMG40 | POWER MOSFET THRU-HOLE 1000V N-CHANNEL | 1 2 3 4 5 More | International Rectifier |
| STP5NK100Z | N-channel 1000V - 2.7⦠- 3.5A - TO-220/TO-220FP/TO-247 Zener-protected SuperMESH⢠Power MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| STD60N55 | N-channel 55V - 8.0m⦠- 65A - DPAK - IPAK MDmesh⢠low voltage Power MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| FQB16N25C | 250V N-Channel MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
Datasheet Page |
1 2 3 4 5 6 7 8 9 |
Link URL |
|
|