|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
FQD13N10L - 100V LOGIC N-Channel MOSFET - Fairchild Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| FQT7N10L | 100V LOGIC N-Channel MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| HUF76619D3 | 18A 100V 0.087 Ohm N-Channel Logic Level UltraFET Power MOSFET | 1 2 3 4 5 More | Intersil Corporation |
| FQP13N10L | 100V LOGIC N-Channel MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| FQPF13N10L | 100V LOGIC N-Channel MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| HUF76629D3 | 20A 100V 0.054 Ohm N-Channel Logic Level UltraFET Power MOSFET | 1 2 3 4 5 More | Intersil Corporation |
| HUF76633P3 | 38A 100V 0.036 Ohm N-Channel Logic Level UltraFET Power MOSFET | 1 2 3 4 5 More | Intersil Corporation |
| HUF76639P3 | 50A 100V 0.027 Ohm N-Channel Logic Level UltraFET Power MOSFET | 1 2 3 4 5 More | Intersil Corporation |
| FQAF33N10L | 100V LOGIC N-Channel MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| FQP19N10L | 100V LOGIC N-Channel MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| FQPF19N10L | 100V LOGIC N-Channel MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
Datasheet Page |
1 2 3 4 5 6 7 8 9 |
Link URL |
|
|