Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1470209 Datasheet (PDF) - Tyco Electronics

1470209 Datasheet PDF - Tyco Electronics
Part # 1470209
Download  1470209 Download

File Size   311.24 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description AMPMODU 2.0mm PITCH REC CONN, VERTICAL MOUNT TYPE

1470209 Datasheet (PDF)

Go To PDF Page Download Datasheet
1470209 Datasheet PDF - Tyco Electronics

Part # 1470209
Download  1470209 Click to download

File Size   311.24 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description AMPMODU 2.0mm PITCH REC CONN, VERTICAL MOUNT TYPE

1470209 Datasheet (HTML) - Tyco Electronics

1470209 Datasheet HTML 1Page - Tyco Electronics 1470209 Datasheet HTML 2Page - Tyco Electronics



Similar Part No. - 1470209

ManufacturerPart #DatasheetDescription
logo
Heyco.
14702 HEYCO-14702 Datasheet
126Kb / 1P
   Heyco®-Tite Brass Lazy Bend Liquid Tight Cordgrips
logo
Adels-Contact
147022 ADELS-147022 Datasheet
120Kb / 2P
   AC 164 BU/ 2 pastel blue
12/11/2019
147025 ADELS-147025 Datasheet
122Kb / 2P
   AC 164 BU/ 5 pastel blue
12/11/2019
logo
Weidmuller
1470260000 WEIDMULLER-1470260000 Datasheet
5Mb / 94P
   POWER MONITOR 51A
More results


Similar Description - 1470209

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1775470-2 MACOM-1775470-2 Datasheet
515Kb / 4P
   HPI CONN., 2.0MM PITCH, V/T, SMT TYPE
181299-1 MACOM-181299-1 Datasheet
84Kb / 1P
   AMPMODU I REC. CONTACT, STD.PRESSURE, C.O.S.I.
logo
Weidmuller
0500398100 WEIDMULLER-0500398100 Datasheet
71Kb / 1P
   2.5 WATERPROOF CONN CRIMP REC
0500398000 WEIDMULLER-0500398000 Datasheet
71Kb / 1P
   2.5 WATERPROOF CONN CRIMP REC
logo
SUYIN USA, INC.
200138FR044G282ZA SUYIN-USA-200138FR044G282ZA Datasheet
100Kb / 1P
   2.0mm Pitch SOCKET R/A HDD CONN
200135FA012G233ZR SUYIN-USA-200135FA012G233ZR Datasheet
68Kb / 1P
   2.0mm Pitch SOCKET DUAL ROW SMT CONN
logo
Tyco Electronics
280708 MACOM-280708 Datasheet
94Kb / 1P
   AMPMODU II REC, CONTACT, HIGH PRESSURE, C.O.S.I.
280530-1 MACOM-280530-1 Datasheet
120Kb / 1P
   AMPMODU II REC. CONTACT, STD PRESSURE, C.O.S.I.
181271-2 MACOM-181271-2 Datasheet
91Kb / 1P
   AMPMODU II REC. CONTACT, STD PRESSURE, C.O.S.I.
logo
SUYIN USA, INC.
200222ME SUYIN-USA-200222ME Datasheet
112Kb / 1P
   2.0mm PITCH PLUG EDGE MOUNT TYPE
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com