![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
FQB2N80 - 800V N-Channel MOSFET - Fairchild Semiconductor |
|
Click Here View FQB2N80 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| STW12NK80Z | N-CHANNEL 800V - 0.65ohm - 10.5A TO-247 Zener-Protected SuperMESH˘âPower MOSFET | STMicroelectronics |
| FQAF10N80 | 800V N-Channel MOSFET | Fairchild Semiconductor |
| FQP6N80 | 800V N-Channel MOSFET | Fairchild Semiconductor |
| STW18NK80Z | N-CHANNEL 800V - 0.34W - 19A TO-247 Zener-Protected SuperMESH˘âPower MOSFET | STMicroelectronics |
| FQA10N80C | 800V N-Channel MOSFET | Fairchild Semiconductor |
| STP4NC80Z | N-CHANNEL 800V - 2.4ohm - 4A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH˘âIII MOSFET | STMicroelectronics |
| FQAF13N80 | 800V N-Channel MOSFET | Fairchild Semiconductor |
| FQP7N80 | 800V N-Channel MOSFET | Fairchild Semiconductor |
| STP3NK80Z | N-CHANNEL 800V - 3.8W - 2.5A TO-220/FP/DPAK/IPAK Zener-Protected SuperMESH˘â Power MOSFET | STMicroelectronics |
| FQP3N80C | 800V N-Channel MOSFET | Fairchild Semiconductor |
Link URL |
|
|
Related keyword |
| FQB2N80 Datasheet | FQB2N80 Cross Reference | FQB2N80 Schematic | FQB2N80 Distributor | FQB2N80 Datenblatt | FQB2N80 RoHS |
| FQB2N80 Equivalent | FQB2N80 Application Notes | FQB2N80 Data Sheet | FQB2N80 component | FQB2N80 Fiche Technique | FQB2N80 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |