![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
| Shortcut : FQB1P50(1) |
|
Click Here View FQB1P50 Datasheet
|
|
||||||||||||||||||||||||||
| Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| FQB3P50 | 500V P-Channel MOSFET | Fairchild Semiconductor |
| FQP1P50 | 500V P-Channel MOSFET | Fairchild Semiconductor |
| FQP3P50 | 500V P-Channel MOSFET | Fairchild Semiconductor |
| FQD1P50 | 500V P-Channel MOSFET | Fairchild Semiconductor |
| FQD3P50 | 500V P-Channel MOSFET | Fairchild Semiconductor |
| FQPF1P50 | 500V P-Channel MOSFET | Fairchild Semiconductor |
| FQPF3P50 | 500V P-Channel MOSFET | Fairchild Semiconductor |
| STD2NC50 | N-CHANNEL 500V - 3ohm - 2.2A DPAK/IPAK PowerMesh˘âII MOSFET | STMicroelectronics |
| STP20NM50FD | N-CHANNEL 500V - 0.22ohm - 20A TO-220/I2PAK FDmesh˘â Power MOSFET with FAST DIODE | STMicroelectronics |
| STW15NB50 | N-CHANNEL 500V - 0.33ohm - 14.6A - T0-247/ISOWATT218 PowerMESH MOSFET | STMicroelectronics |
| Related keyword |
| FQB1P50 Datasheet | FQB1P50 Cross Reference | FQB1P50 Schematic | FQB1P50 Distributor | FQB1P50 Datenblatt | FQB1P50 RoHS |
| FQB1P50 Equivalent | FQB1P50 Application Notes | FQB1P50 Data Sheet | FQB1P50 component | FQB1P50 Fiche Technique | FQB1P50 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |