Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6N135 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

6N135 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # 6N135
Download  6N135 Download

File Size   691.36 Kbytes
Page   17 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Single Channel, High Speed Optocouplers TTL compatible

6N135 Datasheet (PDF)

Go To PDF Page Download Datasheet
6N135 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # 6N135
Download  6N135 Click to download

File Size   691.36 Kbytes
Page   17 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Single Channel, High Speed Optocouplers TTL compatible

6N135 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED

Back Button 6N135 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED 6N135 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED 6N135 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED 6N135 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED 6N135 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED 6N135 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED 6N135 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED 6N135 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED 6N135 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED 6N135 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button 

6N135 Product details

Description

These diode-transistor optocouplers use an insulating layer between a LED and an integrated photodetector to provide electrical insulation between input and output. Separate connections for the photodiode bias and output-transistor collector increase the speed up to a hundred times that of a conventional phototransistor coupler by reducing the base-collector capacitance. These single channel optocouplers are available in 8-Pin DIP, SO-8 and Widebody package configurations.



Features

• High speed: 1 Mb/s

• TTL compatible

• Available in 8-Pin DIP, SO-8, widebody packages

• Open collector output

• Safety approval

UL Recognized – 3750 Vrms for 1 minute (5000 Vrms for 1 minute for HCNW and Option 020 devices) per UL1577 CSA Approved

IEC/EN/DIN EN 60747-5-2 Approved

– VIORM = 560 V peak for SO8 devices

– VIORM = 630 V peak for DIP 300mil devices

– VIORM = 1414 V peak for DIP 400mil (widebody) devices

• Dual channel version available (253X/053X/0534)



Applications

• High voltage insulation

• Video signal isolation

• Line receivers

• Feedback element in switched mode power supplies

• High speed logic ground isolation

– TTL/TTL, TTL/CMOS, TTL/LSTTL

• Replaces pulse transformers

• Replaces slow phototransistor isolators

• Analog signal ground isolation




Similar Part No. - 6N135

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
6N135 TOSHIBA-6N135 Datasheet
334Kb / 7P
   IRED & PHOTO IC (DIGITAL LOGIC ISOLATION)
logo
Texas Instruments
6N135 TI-6N135 Datasheet
155Kb / 1P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
logo
Fairchild Semiconductor
6N135 FAIRCHILD-6N135 Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
logo
QT Optoelectronics
6N135 QT-6N135 Datasheet
169Kb / 9P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
List of Unclassifed Man...
6N135 ETC1-6N135 Datasheet
898Kb / 8P
   HIGH-SPEED TRANSISTOR OPTOCOUPLERS
More results


Similar Description - 6N135

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCNW4502 AVAGO-HCNW4502 Datasheet
341Kb / 16P
   Single Channel, High Speed Optocouplers TTL compatible
HCPL-2631-500E AVAGO-HCPL-2631-500E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0611-500E AVAGO-HCPL-0611-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
6N137 AVAGO-6N137 Datasheet
241Kb / 22P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0600-000E AVAGO-HCPL-0600-000E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
logo
Broadcom Corporation.
6N137 BOARDCOM-6N137 Datasheet
1Mb / 30P
   High CMR, High Speed TTL Compatible Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-000E AVAGO-HCPL-2631-000E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0601-500E AVAGO-HCPL-0601-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0630-500E AVAGO-HCPL-0630-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0631-500E AVAGO-HCPL-0631-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com