Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC4226-T1-A Datasheet (PDF) - Renesas Technology Corp

2SC4226-T1-A Datasheet PDF - Renesas Technology Corp
Part # 2SC4226-T1-A
Download  2SC4226-T1-A Download

File Size   149.56 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description NPN Silicon RF Transistor NPN Epitaxial Silicon RF Transistor for High-Frequency Low-Noise Amplification 3-pin super Minimold

2SC4226-T1-A Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC4226-T1-A Datasheet PDF - Renesas Technology Corp

Part # 2SC4226-T1-A
Download  2SC4226-T1-A Click to download

File Size   149.56 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description NPN Silicon RF Transistor NPN Epitaxial Silicon RF Transistor for High-Frequency Low-Noise Amplification 3-pin super Minimold

2SC4226-T1-A Datasheet (HTML) - Renesas Technology Corp

2SC4226-T1-A Datasheet HTML 1Page - Renesas Technology Corp 2SC4226-T1-A Datasheet HTML 2Page - Renesas Technology Corp 2SC4226-T1-A Datasheet HTML 3Page - Renesas Technology Corp 2SC4226-T1-A Datasheet HTML 4Page - Renesas Technology Corp 2SC4226-T1-A Datasheet HTML 5Page - Renesas Technology Corp 2SC4226-T1-A Datasheet HTML 6Page - Renesas Technology Corp 2SC4226-T1-A Datasheet HTML 7Page - Renesas Technology Corp 2SC4226-T1-A Datasheet HTML 8Page - Renesas Technology Corp

2SC4226-T1-A Product details

NPN Epitaxial Silicon RF Transistor for High-Frequency Low-Noise Amplification 3-pin super Minimold

DESCRIPTION
The NE85630 / 2SC4226 is a low supply voltage transistor designed for VHF, UHF low noise amplifier. It is suitable for a high density surface mount assembly since the transistor has been applied 3-pin super minimold package.

FEATURES
• Low noise : NF = 1.2 dB TYP. @ VCE = 3 V, IC = 7 mA, f = 1 GHz
• High gain : ⏐S21e⏐2 = 9 dB TYP. @ VCE = 3 V, IC = 7 mA, f = 1 GHz
• 3-pin super minimold package



Similar Part No. - 2SC4226-T1-A

ManufacturerPart #DatasheetDescription
logo
NEC
2SC4226 NEC-2SC4226 Datasheet
56Kb / 8P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
logo
Guangdong Kexin Industr...
2SC4226 KEXIN-2SC4226 Datasheet
60Kb / 1P
   NPN Silicon Epitaxial Transistor
logo
SeCoS Halbleitertechnol...
2SC4226 SECOS-2SC4226 Datasheet
287Kb / 3P
   NPN Silicon Plastic Encapsulated Transistor
2SC4226 SECOS-2SC4226 Datasheet
258Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
Galaxy Semi-Conductor H...
2SC4226 BILIN-2SC4226 Datasheet
198Kb / 4P
   NPN Silicon Epitaxial Planar Transistor
More results


Similar Description - 2SC4226-T1-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC4228 RENESAS-2SC4228_15 Datasheet
202Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 3-PIN SUPER MINIMOLD
2SC4227 RENESAS-2SC4227_15 Datasheet
202Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 3-PIN MINIMOLD
2SC5012 RENESAS-2SC5012_15 Datasheet
190Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 4-PIN SUPER MINIMOLD
logo
California Eastern Labs
NE68539 CEL-NE68539 Datasheet
727Kb / 5P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 4-PIN SUPER MINIMOLD
logo
Renesas Technology Corp
2SC5011 RENESAS-2SC5011_15 Datasheet
190Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 4-PIN SUPER MINIMOLD
logo
California Eastern Labs
NE68718 CEL-NE68718 Datasheet
306Kb / 5P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 4-PIN SUPER MINIMOLD
logo
Renesas Technology Corp
2SC3357 RENESAS-2SC3357 Datasheet
218Kb / 10P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 3-PIN POWER MINIMOLD
2SC4536 RENESAS-2SC4536_15 Datasheet
181Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 3-PIN POWER MINIMOLD
2SC4093 RENESAS-2SC4093_15 Datasheet
175Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 4-PIN MINIMOLD
2SC4957 RENESAS-2SC4957_15 Datasheet
189Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 4-PIN MINIMOLD
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com