|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MPX200 - 0 to 200 kPa (0-29 psi) 60 mV FULL SCALE SPAN (TYPICAL) - Motorola, Inc |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MPX2200 | 0 to 200 kPa 0 to 29 psi 40 mV FULL SCALE SPAN TYPICAL | 1 2 3 4 5 More | Motorola, Inc |
| MPX7200 | 0 to 200 kPa 0 to 29 psi 40 mV FULL SCALE SPAN TYPICAL | 1 2 3 4 5 More | Motorola, Inc |
| MPX2100 | 0 to 100 kPa 0 to 14.5 psi 40 mV FULL SCALE SPAN TYPICAL | 1 2 3 4 5 More | Motorola, Inc |
| MPX2700 | 0 to 700 kPa 0 to 100 psi 40 mV FULL SCALE SPAN TYPICAL | 1 2 3 4 5 More | Motorola, Inc |
| MPX50 | 0 to 50 kPa 0-7.25 psi 60 mV FULL SCALE SPAN TYPICAL | 1 2 3 4 5 More | Motorola, Inc |
| MPX700 | 0 to 700 kPa 0-100 psi 60 mV FULL SCALE SPAN TYPICAL | 1 2 3 4 5 More | Motorola, Inc |
| MPX7050 | 0 to 50 kPa 0 to 7.25 psi 40 mV FULL SCALE SPAN TYPICAL | 1 2 3 4 5 More | Motorola, Inc |
| MPX7100 | 0 to 100 kPa 0 to 14.5 psi 40 mV FULL SCALE SPAN TYPICAL | 1 2 3 4 5 More | Motorola, Inc |
| MPXL10 | 0 to 10 kPa 0-1.45 psi 35 mV FULL SCALE SPAN TYPICAL | 1 2 3 4 | Motorola, Inc |
| MPX10 | 0 to 10 kPa 0-1.45 psi 35 mV FULL SCALE SPAN TYPICAL | 1 2 3 4 5 More | Motorola, Inc |
Datasheet Page |
1 2 3 4 5 6 7 8 |
Link URL |
|
|