Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOZ8000HIL Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ8000HIL Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ8000HIL
Download  AOZ8000HIL Download

File Size   544.28 Kbytes
Page   15 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Ultra-Low Capacitance TVS Diode Array

AOZ8000HIL Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ8000HIL Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ8000HIL
Download  AOZ8000HIL Click to download

File Size   544.28 Kbytes
Page   15 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Ultra-Low Capacitance TVS Diode Array

AOZ8000HIL Datasheet (HTML) - Alpha & Omega Semiconductors

Back Button AOZ8000HIL Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ8000HIL Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ8000HIL Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ8000HIL Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ8000HIL Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ8000HIL Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ8000HIL Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ8000HIL Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ8000HIL Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ8000HIL Datasheet HTML 10Page - Alpha & Omega Semiconductors Next Button 

AOZ8000HIL Product details

General Description
The AOZ8000 is a transient voltage suppressor array designed to protect high speed data lines from ESD and lightning.
This device incorporates eight surge rated, low capacitance steering diodes and a TVS in a single package. During transient conditions, the steering diodes direct the transient to either the positive side of the power supply line or to ground. They may be used to meet the ESD immunity requirements of IEC 61000-4-2, Level 4. The TVS diodes provide effective suppression of ESD voltages: ±15kV (air discharge) and ±8kV (contact discharge).
The AOZ8000 comes in SOT-23, DFN-6, and SC-70 packages. They are compatible with both lead free and SnPb assembly techniques. The small size, low capacitance and high ESD protection makes it ideal for protecting high speed video and data communication interfaces.

Features
● ESD protection for high-speed data lines:
   – IEC 61000-4-2, level 4 (ESD) immunity test
   – ±15kV (air discharge) and ±8kV (contact discharge)
   – IEC 61000-4-5 (Lightning) 5A (8/20µs)
   – Human Body Model (HBM) ±15kV
● Small package saves board space
● Low insertion loss
● Protects four I/O lines
● Low capacitance between I/O lines: 0.9pF
● Low clamping voltage
● Low operating voltage: 5.0V

Applications
● USB 2.0 power and data line protection
● Video graphics cards
● Monitors and flat panel displays
● Digital Video Interface (DVI)
● 10/100/1000 Ethernet
● Notebook computers



Similar Part No. - AOZ8000HIL

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8000HI AOSMD-AOZ8000HI Datasheet
94Kb / 4P
   Plastic Encapsulated Device
More results


Similar Description - AOZ8000HIL

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
ULC3324P10 LEIDITECH-ULC3324P10 Datasheet
542Kb / 4P
   ULTRA LOW CAPACITANCE TVS DIODE ARRAY
ULC08DT3 LEIDITECH-ULC08DT3 Datasheet
133Kb / 3P
   ULTRA LOW CAPACITANCE TVS DIODE ARRAY
ULC12TN LEIDITECH-ULC12TN Datasheet
1Mb / 3P
   ULTRA LOW CAPACITANCE TVS DIODE ARRAY
ULC24CTN LEIDITECH-ULC24CTN Datasheet
1Mb / 3P
   ULTRA LOW CAPACITANCE TVS DIODE ARRAY
logo
Alpha & Omega Semicondu...
AOZ8300 AOSMD-AOZ8300 Datasheet
184Kb / 7P
   Ultra-Low Capacitance TVS Diode Array
logo
HUAYI MICROELECTRONICS ...
HYE0505F HUAYI-HYE0505F Datasheet
1Mb / 5P
   Ultra-Low Capacitance TVS Diode Array
logo
Alpha & Omega Semicondu...
AOZ8005FI AOSMD-AOZ8005FI Datasheet
646Kb / 14P
   Ultra-Low Capacitance TVS Diode Array
AOZ8802A AOSMD-AOZ8802A Datasheet
365Kb / 9P
   Ultra-Low Capacitance TVS Diode Array
logo
Shanghai Leiditech Elec...
ULC15DT3 LEIDITECH-ULC15DT3 Datasheet
588Kb / 6P
   Ultra Low Capacitance TVS Diode Array
ULC0804P10 LEIDITECH-ULC0804P10 Datasheet
420Kb / 3P
   ULTRA LOW CAPACITANCE TVS DIODE ARRAY
ULC0542P3 LEIDITECH-ULC0542P3 Datasheet
703Kb / 5P
   ULTRA LOW CAPACITANCE TVS DIODE ARRAY
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com