![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
9926A - Dual N-Channel 2.5V Specified PowerTrench MOSFET - Fairchild Semiconductor |
|
Click Here View 9926A Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| FDB8832 | N-Channel Logic Level PowerTrench MOSFET 30V 80A 2.1mOHM | Fairchild Semiconductor |
| SI7842DP | Dual N-Channel 30-V D-S MOSFET with Schottky Diode | Vishay Siliconix |
| FDB2710 | 250V N-Channel PowerTrench MOSFET | Fairchild Semiconductor |
| FDD8447L | N-Channel PowerTrench MOSFET 40V 54A 8.5mOhm | Fairchild Semiconductor |
| FDB8442 | N-Channel PowerTrench MOSFET | Fairchild Semiconductor |
| FDR6674A | 30V N-Channel PowerTrench MOSFET | Fairchild Semiconductor |
| BF1206F | Dual N-channel dual gate MOSFET | NXP Semiconductors |
| FDD6635 | 35V N-Channel PowerTrench MOSFET | Fairchild Semiconductor |
| GF6968A | Common-Drain Dual N-Channel MOSFET | General Semiconductor |
| APM7312 | Dual N-Channel Enhancement Mode MOSFET | Anpec Electronics Coropration |
Link URL |
|
|
Related keyword |
| 9926A Datasheet | 9926A Cross Reference | 9926A Schematic | 9926A Distributor | 9926A Datenblatt | 9926A RoHS |
| 9926A Equivalent | 9926A Application Notes | 9926A Data Sheet | 9926A component | 9926A Fiche Technique | 9926A Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |