Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8030ARZ Datasheet (PDF) - Analog Devices

AD8030ARZ Datasheet PDF - Analog Devices
Part # AD8030ARZ
Download  AD8030ARZ Download

File Size   728.85 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power, High Speed Rail-to-Rail Input/Output Amplifier

AD8030ARZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8030ARZ Datasheet PDF - Analog Devices

Part # AD8030ARZ
Download  AD8030ARZ Click to download

File Size   728.85 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power, High Speed Rail-to-Rail Input/Output Amplifier

AD8030ARZ Datasheet (HTML) - Analog Devices

Back Button AD8030ARZ Datasheet HTML 1Page - Analog Devices AD8030ARZ Datasheet HTML 2Page - Analog Devices AD8030ARZ Datasheet HTML 3Page - Analog Devices AD8030ARZ Datasheet HTML 4Page - Analog Devices AD8030ARZ Datasheet HTML 5Page - Analog Devices AD8030ARZ Datasheet HTML 6Page - Analog Devices AD8030ARZ Datasheet HTML 7Page - Analog Devices AD8030ARZ Datasheet HTML 8Page - Analog Devices AD8030ARZ Datasheet HTML 9Page - Analog Devices AD8030ARZ Datasheet HTML 10Page - Analog Devices Next Button 

AD8030ARZ Product details

GENERAL DESCRIPTION
The AD8029 (single), AD8030 (dual), and AD8040 (quad) are rail-to-rail input and output high speed amplifiers with a quiescent current of only 1.3 mA per amplifier. Despite their low power consumption, the amplifiers provide excellent performance with 125 MHz small signal bandwidth and 60 V/µs slew rate. ADI’s proprietary XFCB process enables high speed and high performance on low power.
This family of amplifiers exhibits true single-supply operation with rail-to-rail input and output performance for supply voltages ranging from 2.7 V to 12 V. The input voltage range extends 200 mV beyond each rail without phase reversal. The dynamic range of the output extends to within 40 mV of each rail.

FEATURES
   Low power
      1.3 mA supply current/amplifier
   High speed
      125 MHz, –3 dB bandwidth (G = +1)
      60 V/µs slew rate
      80 ns settling time to 0.1%
   Rail-to-rail input and output
      No phase reversal, inputs 200 mV beyond rails
   Wide supply range: 2.7 V to 12 V
   Offset voltage: 6 mV max
   Low input bias current
      +0.7 µA to –1.5 µA
   Small packaging
      SOIC-8, SC70-6, SOT23-8, SOIC-14, TSSOP-14

APPLICATIONS
   Battery-powered instrumentation
   Filters
   A-to-D drivers
   Buffering




Similar Part No. - AD8030ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8030AR AD-AD8030AR Datasheet
649Kb / 20P
   Low Power, High Speed Rail-to-Rail Input/Output Amplifier
REV. A
AD8030AR-REEL AD-AD8030AR-REEL Datasheet
649Kb / 20P
   Low Power, High Speed Rail-to-Rail Input/Output Amplifier
REV. A
AD8030AR-REEL7 AD-AD8030AR-REEL7 Datasheet
649Kb / 20P
   Low Power, High Speed Rail-to-Rail Input/Output Amplifier
REV. A
AD8030ARJ-R2 AD-AD8030ARJ-R2 Datasheet
649Kb / 20P
   Low Power, High Speed Rail-to-Rail Input/Output Amplifier
REV. A
AD8030ARJ-REEL AD-AD8030ARJ-REEL Datasheet
649Kb / 20P
   Low Power, High Speed Rail-to-Rail Input/Output Amplifier
REV. A
More results


Similar Description - AD8030ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8040 AD-AD8040 Datasheet
649Kb / 20P
   Low Power, High Speed Rail-to-Rail Input/Output Amplifier
REV. A
AD8040 AD-AD8040_15 Datasheet
670Kb / 25P
   Low Power, High Speed Rail-to-Rail Input/Output Amplifier
REV. B
AD8029 AD-AD8029_15 Datasheet
670Kb / 25P
   Low Power, High Speed Rail-to-Rail Input/Output Amplifier
REV. B
AD8030 AD-AD8030_15 Datasheet
670Kb / 25P
   Low Power, High Speed Rail-to-Rail Input/Output Amplifier
REV. B
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951_07 Datasheet
440Kb / 17P
   Input/output rail-to-rail low power operational amplifier
TS951 STMICROELECTRONICS-TS951_05 Datasheet
350Kb / 15P
   Input/Output Rail-to-Rail Low Power Operational Amplifier
logo
Analog Devices
AD8028 AD-AD8028 Datasheet
478Kb / 24P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. B
AD8027 AD-AD8027_15 Datasheet
699Kb / 25P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
AD8027 AD-AD8027_05 Datasheet
612Kb / 24P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
AD8028 AD-AD8028_15 Datasheet
699Kb / 25P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com