Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDS6982S Datasheet (PDF) - Fairchild Semiconductor

FDS6982S Datasheet PDF - Fairchild Semiconductor
Part # FDS6982S
Download  FDS6982S Download

File Size   256.99 Kbytes
Page   12 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Dual Notebook Power Supply N-Channel PowerTrench SyncFet?

FDS6982S Datasheet (PDF)

Go To PDF Page Download Datasheet
FDS6982S Datasheet PDF - Fairchild Semiconductor

Part # FDS6982S
Download  FDS6982S Click to download

File Size   256.99 Kbytes
Page   12 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Dual Notebook Power Supply N-Channel PowerTrench SyncFet?

FDS6982S Datasheet (HTML) - Fairchild Semiconductor

Back Button FDS6982S Datasheet HTML 1Page - Fairchild Semiconductor FDS6982S Datasheet HTML 2Page - Fairchild Semiconductor FDS6982S Datasheet HTML 3Page - Fairchild Semiconductor FDS6982S Datasheet HTML 4Page - Fairchild Semiconductor FDS6982S Datasheet HTML 5Page - Fairchild Semiconductor FDS6982S Datasheet HTML 6Page - Fairchild Semiconductor FDS6982S Datasheet HTML 7Page - Fairchild Semiconductor FDS6982S Datasheet HTML 8Page - Fairchild Semiconductor FDS6982S Datasheet HTML 9Page - Fairchild Semiconductor FDS6982S Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

FDS6982S Product details

General Description

The FDS6982S is designed to replace two single SO-8 MOSFETs and Schottky diode in synchronous DC:DC power supplies that provide various peripheral voltages for notebook computers and other battery powered electronic devices. FDS6982S contains two unique 30V, N-channel, logic level, PowerTrench MOSFETs designed to maximize power conversion efficiency.



Features

• Q2: Optimized to minimize conduction losses Includes SyncFET Schottky body diode

8.6A, 30V RDS(on) = 0.016Ω @ VGS = 10V

             RDS(on) = 0.022Ω @ VGS = 4.5V

• Q1: Optimized for low switching losses Low Gate Charge ( 8.5 nC typical)

6.3A, 30V RDS(on) = 0.028Ω @ VGS = 10V

             RDS(on) = 0.035Ω @ VGS = 4.5V




Similar Part No. - FDS6982S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FDS6982S ETC2-FDS6982S Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results


Similar Description - FDS6982S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS6984AS FAIRCHILD-FDS6984AS Datasheet
150Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
FDS6994S FAIRCHILD-FDS6994S Datasheet
299Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
FDS6986AS FAIRCHILD-FDS6986AS Datasheet
177Kb / 10P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
FDS6982AS FAIRCHILD-FDS6982AS_06 Datasheet
1,009Kb / 10P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
FDS6982AS FAIRCHILD-FDS6982AS Datasheet
168Kb / 10P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
FDS6984S FAIRCHILD-FDS6984S Datasheet
552Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET?
FDS6986S FAIRCHILD-FDS6986S Datasheet
200Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET?
FDS6984AS FAIRCHILD-FDS6984AS_08 Datasheet
443Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
logo
ON Semiconductor
FDS6982AS ONSEMI-FDS6982AS Datasheet
611Kb / 11P
   Dual Notebook Power Supply N-Channel PowerTrench짰 SyncFET?
October-2017, Rev. 2
logo
Fairchild Semiconductor
FDS6982AS FAIRCHILD-FDS6982AS_08 Datasheet
440Kb / 10P
   Dual Notebook Power Supply N-Channel PowerTrench짰 SyncFET?
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com