Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDS4675 Datasheet (PDF) - Fairchild Semiconductor

FDS4675 Datasheet PDF - Fairchild Semiconductor
Part # FDS4675
Download  FDS4675 Download

File Size   73.85 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 40V P-Channel PowerTrench MOSFET

FDS4675 Datasheet (PDF)

Go To PDF Page Download Datasheet
FDS4675 Datasheet PDF - Fairchild Semiconductor

Part # FDS4675
Download  FDS4675 Click to download

File Size   73.85 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 40V P-Channel PowerTrench MOSFET

FDS4675 Datasheet (HTML) - Fairchild Semiconductor

FDS4675 Datasheet HTML 1Page - Fairchild Semiconductor FDS4675 Datasheet HTML 2Page - Fairchild Semiconductor FDS4675 Datasheet HTML 3Page - Fairchild Semiconductor FDS4675 Datasheet HTML 4Page - Fairchild Semiconductor FDS4675 Datasheet HTML 5Page - Fairchild Semiconductor

FDS4675 Product details

General Description
This P-Channel MOSFET is a rugged gate version of Fairchild Semiconductor’s advanced PowerTrench process. It has been optimized for power management applications requiring a wide range of gave drive voltage ratings (4.5V – 20V).
   
Features
• –11 A, –40 V RDS(ON) = 0.013 Ω @ VGS = –10 V
                        RDS(ON) = 0.017 Ω @ VGS = –4.5 V
• Fast switching speed
• High performance trench technology for extremely
    low RDS(ON)
• High power and current handling capability
• Qualified to AEC Q101
• RoHS Compliant
   
Applications
• Power management
• Load switch
• Battery protection
   



Similar Part No. - FDS4675

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS4675 FAIRCHILD-FDS4675 Datasheet
316Kb / 5P
   40V P-Channel Power TrenchMOSFET
logo
ON Semiconductor
FDS4675-F085 ONSEMI-FDS4675-F085 Datasheet
850Kb / 7P
   40V P-Channel PowerTrench짰 MOSFET
September-2017, Rev.2
logo
Fairchild Semiconductor
FDS4675 FAIRCHILD-FDS4675_10 Datasheet
316Kb / 5P
   40V P-Channel Power TrenchMOSFET
More results


Similar Description - FDS4675

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS4685 FAIRCHILD-FDS4685 Datasheet
506Kb / 5P
   40V P-Channel PowerTrench MOSFET
FDD4243 FAIRCHILD-FDD4243 Datasheet
419Kb / 6P
   40V P-Channel PowerTrench MOSFET -40V, -14A, 44mohm
FDD4685 FAIRCHILD-FDD4685 Datasheet
402Kb / 6P
   40V P-Channel PowerTrench MOSFET -40V -32A 27m ohm
FDS4470 FAIRCHILD-FDS4470 Datasheet
87Kb / 6P
   40V N-Channel PowerTrench MOSFET
FDS4770 FAIRCHILD-FDS4770 Datasheet
123Kb / 6P
   40V N-Channel PowerTrench MOSFET
FDS4070N3 FAIRCHILD-FDS4070N3 Datasheet
193Kb / 7P
   40V N-Channel PowerTrench MOSFET
FDS4072N7 FAIRCHILD-FDS4072N7 Datasheet
199Kb / 7P
   40V N-Channel PowerTrench MOSFET
FDS4780 FAIRCHILD-FDS4780 Datasheet
355Kb / 6P
   40V N-Channel PowerTrench MOSFET
FDS4070N3 FAIRCHILD-FDS4070N3_04 Datasheet
173Kb / 7P
   40V N-Channel PowerTrench MOSFET
FDS4070N7 FAIRCHILD-FDS4070N7_04 Datasheet
188Kb / 8P
   40V N-Channel PowerTrench MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com