Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA79M05RTF Datasheet (PDF) - Fairchild Semiconductor

KA79M05RTF Datasheet PDF - Fairchild Semiconductor
Part # KA79M05RTF
Download  KA79M05RTF Download

File Size   130.63 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 3-Terminal 0.5A Negative Voltage Regulator

KA79M05RTF Datasheet (PDF)

Go To PDF Page Download Datasheet
KA79M05RTF Datasheet PDF - Fairchild Semiconductor

Part # KA79M05RTF
Download  KA79M05RTF Click to download

File Size   130.63 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 3-Terminal 0.5A Negative Voltage Regulator

KA79M05RTF Datasheet (HTML) - Fairchild Semiconductor

KA79M05RTF Datasheet HTML 1Page - Fairchild Semiconductor KA79M05RTF Datasheet HTML 2Page - Fairchild Semiconductor KA79M05RTF Datasheet HTML 3Page - Fairchild Semiconductor KA79M05RTF Datasheet HTML 4Page - Fairchild Semiconductor KA79M05RTF Datasheet HTML 5Page - Fairchild Semiconductor KA79M05RTF Datasheet HTML 6Page - Fairchild Semiconductor KA79M05RTF Datasheet HTML 7Page - Fairchild Semiconductor KA79M05RTF Datasheet HTML 8Page - Fairchild Semiconductor

KA79M05RTF Product details

Description
The KA79MXX / LM79MXX series of three terminal medium current negative voltage regulators are monolithic integrated circuits designed as fixed-voltage regulators. These regulators employ internal current limiting, thermal shutdown, and safe area compensation.
   
Features
• No External Components Required
• Output Current in Excess of 0.5 A
• Internal Thermal Overload
• Internal Short-Circuit Current Limiting
• Output Transistor Safe Area Compensation
• Output Voltages: -5 V, -12 V
   




Similar Part No. - KA79M05RTF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA79M05R FAIRCHILD-KA79M05R Datasheet
70Kb / 14P
   3-Terminal 0.5A Negative Voltage Regulator
KA79M05R FAIRCHILD-KA79M05R Datasheet
127Kb / 12P
   3-Terminal 0.5A Negative Voltage Regulator
More results


Similar Description - KA79M05RTF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LM79M05 FAIRCHILD-LM79M05_12 Datasheet
144Kb / 6P
   3-Terminal 0.5A Negative Voltage Regulator
logo
Unisonic Technologies
79DXX UTC-79DXX_07 Datasheet
188Kb / 7P
   3 TERMINAL 0.5A NEGATIVE VOLTAGE REGULATOR
79DXX UTC-79DXX_V01 Datasheet
319Kb / 7P
   3 TERMINAL 0.5A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA79MXX FAIRCHILD-KA79MXX Datasheet
70Kb / 14P
   3-Terminal 0.5A Negative Voltage Regulator
logo
Unisonic Technologies
79DXX UTC-79DXX_15 Datasheet
198Kb / 6P
   3 TERMINAL 0.5A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC79MXX FAIRCHILD-MC79MXX Datasheet
69Kb / 14P
   3-Terminal 0.5A Negative Voltage Regulator
logo
KODENSHI_AUK CORP.
SN79M05D KODENSHI-SN79M05D Datasheet
534Kb / 15P
   3 Terminal 0.5A Negative Voltage Regulator
logo
E-Tech Electronics LTD
79DXX ETL-79DXX Datasheet
198Kb / 6P
   3 TERMINAL 0.5A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
LM79MXX FAIRCHILD-LM79MXX Datasheet
231Kb / 5P
   3-Terminal 0.5A Negative Voltage Regulator
KA79MXX FAIRCHILD-KA79MXX_11 Datasheet
127Kb / 12P
   3-Terminal 0.5A Negative Voltage Regulator
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com