|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
FDS3601 - 100V Dual N-Channel PowerTrench MOSFET - Fairchild Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| FDS3912 | 100V Dual N-Channel PowerTrench MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| FDC3601N | Dual N-Channel 100V Specified PowerTrench MOSFET | 1 2 3 4 5 | Fairchild Semiconductor |
| FDS6910 | Dual N-Channel Logic Level PowerTrench MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| SI6966DQ | Dual N-Channel 2.5V Specified PowerTrench MOSFET | 1 2 3 4 5 | Fairchild Semiconductor |
| FDS3672 | N-Channel PowerTrench MOSFET 100V 7.5A 22m⦠| 1 2 3 4 5 More | Fairchild Semiconductor |
| FDS3170N7 | 100V N-Channel PowerTrench MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| FDW2511NZ | Dual N-Channel 2.5V Specified PowerTrench MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| FDS6892A | Dual N-Channel Logic Level PWM Optimized PowerTrench MOSFET | 1 2 3 4 5 | Fairchild Semiconductor |
| SI3948DV | Dual N-Channel Logic Level PowerTrench MOSFET | 1 2 3 4 5 | Fairchild Semiconductor |
| SI9926DY | Dual N-Channel 2.5V Specified PowerTrench MOSFET | 1 2 3 4 5 | Fairchild Semiconductor |
Datasheet Page |
1 2 3 4 5 |
Link URL |
|
|