|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
FDS3580 - 80V N-Channel PowerTrenchTM MOSFET - Fairchild Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| FQAF90N08 | 80V N-Channel MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| FQP24N08 | 80V N-Channel MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| HUF75545P3 | 75A 80V 0.010 Ohm N-Channel UltraFET Power MOSFET | 1 2 3 4 5 More | Intersil Corporation |
| FDP5690 | 60V N-Channel PowerTrenchTM MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| FDS4410 | Single N-Channel Logic Level PWM Optimized PowerTrenchTM MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| FDS6670A | Single N-Channel Logic Level PowerTrenchTM MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| FDC3512 | 80V N-Channel PowerTrench MOSFET | 1 2 3 4 5 | Fairchild Semiconductor |
| FQB17N08 | 80V N-Channel MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| FQP44N08 | 80V N-Channel MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| HUF75545P3 | 75A 80V 0.010 Ohm N-Channel UltraFET Power MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
Datasheet Page |
1 2 3 4 5 6 7 8 |
Link URL |
|
|