|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
FDS2670 - 200V N-Channel PowerTrench MOSFET - Fairchild Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| FDC2612 | 200V N-Channel PowerTrench MOSFET | 1 2 3 4 5 | Fairchild Semiconductor |
| FDD2612 | 200V N-Channel PowerTrench MOSFET | 1 2 3 4 5 | Fairchild Semiconductor |
| FDD2670 | 200V N-Channel PowerTrench MOSFET | 1 2 3 4 5 | Fairchild Semiconductor |
| FDP2670 | 200V N-Channel PowerTrench MOSFET | 1 2 3 4 5 | Fairchild Semiconductor |
| FDS2170N7 | 200V N-Channel PowerTrench MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| STD4N20 | N-CHANNEL 200V - 1.2ohm - 4A DPAK/IPAK MESH OVERLAY⢠MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| FQAF34N20 | 200V N-Channel MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| FQD630 | 200V N-Channel MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| FQP5N20 | 200V N-Channel MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| FQPF4N20L | 200V LOGIC N-Channel MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
Datasheet Page |
1 2 3 4 5 6 7 8 |
Link URL |
|
|