Manufacturer | Part # | Datasheet | Description |
PHOENIX CONTACT |
1424404
|
62Kb / 3P |
Sleeve housing D50, for double locking latch, material: Die-cast aluminum, salt water resistant, cable outlets: 1, lateral, height: 80 mm, cable gland: none, support sleeve: no, 1x M32, Standard
|
1424408
|
64Kb / 3P |
Sleeve housing D50, for double locking latch, material: Die-cast aluminum, salt water resistant, cable outlets: 1, straight, height: 80 mm, cable gland: none, support sleeve: no, 1x M25, Standard
|
1424407
|
62Kb / 3P |
Sleeve housing D50, for double locking latch, material: Die-cast aluminum, salt water resistant, cable outlets: 1, lateral, height: 80 mm, cable gland: Pg29, support sleeve: no, 1x Pg29, Standard
|
1424405
|
61Kb / 3P |
Sleeve housing D50, for double locking latch, material: Die-cast aluminum, salt water resistant, cable outlets: 1, lateral, height: 60 mm, cable gland: Pg21, support sleeve: no, 1x Pg21, Standard
|
1424409
|
62Kb / 3P |
Sleeve housing D50, for double locking latch, material: Die-cast aluminum, salt water resistant, cable outlets: 1, straight, height: 80 mm, cable gland: none, support sleeve: no, 1x M32, Standard
|
1424410
|
61Kb / 3P |
Sleeve housing D50, for double locking latch, material: Die-cast aluminum, salt water resistant, cable outlets: 1, straight, height: 80 mm, cable gland: Pg21, support sleeve: no, 1x Pg21, Standard
|
1424411
|
61Kb / 3P |
Sleeve housing D50, for double locking latch, material: Die-cast aluminum, salt water resistant, cable outlets: 1, straight, height: 80 mm, cable gland: Pg29, support sleeve: no, 1x Pg29, Standard
|
1587975
|
40Kb / 2P |
Sleeve housing - HC-B 24-TFQ-76/O2STPG21G
|
Molex Electronics Ltd. |
0945354002
|
95Kb / 2P |
Housing for RAST 5, 2 Circuits, with Secondary Locking and External Latch
|
PHOENIX CONTACT |
1424417
|
65Kb / 3P |
Protective cover D50, for double locking latch, protective cover material: PA, height: 19 mm, seal: no, Standard
|
|