Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GB70LA60UF Datasheet (PDF) - Vishay Siliconix

GB70LA60UF Datasheet PDF - Vishay Siliconix
Part # GB70LA60UF_13
Download  GB70LA60UF Download

File Size   152.86 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low Side Chopper IGBT SOT-227 (Warp 2 Speed IGBT), 70 A

GB70LA60UF Datasheet (PDF)

Go To PDF Page Download Datasheet
GB70LA60UF Datasheet PDF - Vishay Siliconix

Part # GB70LA60UF_13
Download  GB70LA60UF Click to download

File Size   152.86 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low Side Chopper IGBT SOT-227 (Warp 2 Speed IGBT), 70 A

GB70LA60UF Datasheet (HTML) - Vishay Siliconix

GB70LA60UF_13 Datasheet HTML 1Page - Vishay Siliconix GB70LA60UF_13 Datasheet HTML 2Page - Vishay Siliconix GB70LA60UF_13 Datasheet HTML 3Page - Vishay Siliconix GB70LA60UF_13 Datasheet HTML 4Page - Vishay Siliconix GB70LA60UF_13 Datasheet HTML 5Page - Vishay Siliconix GB70LA60UF_13 Datasheet HTML 6Page - Vishay Siliconix GB70LA60UF_13 Datasheet HTML 7Page - Vishay Siliconix GB70LA60UF_13 Datasheet HTML 8Page - Vishay Siliconix GB70LA60UF_13 Datasheet HTML 9Page - Vishay Siliconix



Similar Part No. - GB70LA60UF_13

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GB70LA60UF VISHAY-GB70LA60UF Datasheet
174Kb / 10P
   "Low Side Chopper" IGBT SOT-227 (Warp 2 Speed IGBT), 70 A
Revision: 22-Jul-10
More results


Similar Description - GB70LA60UF_13

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GB70LA60UF VISHAY-GB70LA60UF Datasheet
174Kb / 10P
   "Low Side Chopper" IGBT SOT-227 (Warp 2 Speed IGBT), 70 A
Revision: 22-Jul-10
GB70NA60UF VISHAY-GB70NA60UF Datasheet
175Kb / 10P
   "High Side Chopper" IGBT SOT-227 (Warp 2 Speed IGBT), 70 A
Revision: 22-Jul-10
GB70NA60UF VISHAY-GB70NA60UF_13 Datasheet
155Kb / 9P
   High Side Chopper IGBT SOT-227 (Warp 2 Speed IGBT), 70 A
Revision: 01-Feb-12
VS-GT75LA60UF VISHAY-VS-GT75LA60UF Datasheet
204Kb / 9P
   “Low Side Chopper” IGBT SOT-227, 70 A
01-Jan-2022
VS-GT75LA60UF VISHAY-VS-GT75LA60UF_V01 Datasheet
205Kb / 9P
   “Low Side Chopper” IGBT SOT-227, 70 A
01-Jan-2023
VS-GT75NA60UF VISHAY-VS-GT75NA60UF Datasheet
200Kb / 9P
   “High Side Chopper” IGBT SOT-227, 70 A
01-Jan-2022
VS-GT75NA60UF VISHAY-VS-GT75NA60UF_V01 Datasheet
200Kb / 9P
   “High Side Chopper” IGBT SOT-227, 70 A
01-Jan-2023
VS-GB50LA120UX VISHAY-VS-GB50LA120UX Datasheet
1Mb / 10P
   Low Side Chopper IGBT SOT-227 (Ultrafast IGBT), 50 A
Revision: 30-Jul-13
GT100LA120UX VISHAY-GT100LA120UX Datasheet
177Kb / 10P
   "Low Side Chopper" IGBT SOT-227 (Trench IGBT), 100 A
Revision: 22-Jul-10
GB50LA120UX VISHAY-GB50LA120UX Datasheet
176Kb / 10P
   "Low Side Chopper" IGBT SOT-227 (Ultrafast IGBT), 50 A
Revision: 22-Jul-10
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com