|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
FDP5690 - 60V N-Channel PowerTrenchTM MOSFET - Fairchild Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| FDC5612 | 60V N-Channel PowerTrenchTM MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| FDD5670 | 60V N-Channel PowerTrenchTM MOSFET | 1 2 3 4 5 | Fairchild Semiconductor |
| STD30NF06L | N-CHANNEL 60V - 0.022ohm - 35A DPAK/IPAK STripFET⢠POWER MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| STP14NF06 | N-CHANNEL 60V - 0.1ohm - 14A TO-220 STripFET⢠POWER MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| FQAF65N06 | 60V N-Channel MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| FQP20N06 | 60V N-Channel MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| FQPF20N06 | 60V N-Channel MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| HUF76409D3 | 17A 60V 0.071 Ohm N-Channel Logic Level UltraFET Power MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| HUFA76439P3 | 71A 60V 0.014 Ohm N-Channel Logic Level UltraFET Power MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| STP36NF06 | N-channel 60V - 0.032⦠- 30A - TO-220/TO-220FP STripFET⢠II Power MOSFET | 1 2 3 4 5 More | STMicroelectronics |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 |
Link URL |
|
|