|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
1N4448 - Small Signal Diode - Fairchild Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| FDLL914_07 | Small Signal Diode | 1 2 3 4 | Fairchild Semiconductor |
| NTJS4405N | Small Signal MOSFET 25 V 1.2 A Single N−Channel SC−88 | 1 2 3 4 5 | ON Semiconductor |
| MRF577T1 | The RF Small Signal Line NPN Silicon High-Frequency Transistor | 1 2 3 4 5 More | Motorola, Inc |
| MMBD1401_02 | Small Signal Diodes | 1 2 | Fairchild Semiconductor |
| SD101A | Small Signal Schottky Diodes | 1 2 3 4 5 | Vishay Siliconix |
| LL101A | Small Signal Schottky Barrier Diodes | 1 2 3 4 5 | Vishay Siliconix |
| BAR42FILM | SMALL SIGNAL SCHOTTKY DIODES | 1 2 3 4 5 | STMicroelectronics |
| BCY34A | SMALL SIGNAL PNP TRANSISTORS | 1 2 | Seme LAB |
| MMST6428 | NPN small signal transistor | 1 2 | Rohm |
| DMMT5401 | MATCHED PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR | 1 2 3 | Diodes Incorporated |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|